Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB41AB2PAPG4 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41AB2PAPG4
Description  IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSB41AB2PAPG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TSB41AB2PAPG4 Datasheet HTML 26Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 27Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 28Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 29Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 30Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 31Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 32Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 33Page - Texas Instruments TSB41AB2PAPG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
TSB41AB2, TSB41AB2I
IEEE 1394a2000 TWOPORT CABLE
TRANSCEIVER/ARBITER
SLLS424G − JUNE 2000 − REVISED DECEMBER 2004
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus reset (continued)
The RHB and gap count may also be updated by PHY-config packets. The TSB41AB2 is IEEE 1394a-2000
compliant, and therefore both the reception and transmission of PHY-config packets cause the RHB and gap
count to be loaded, unlike older IEEE Std 1394-1995 compliant PHYs which decode only received PHY-config
packets.
The gap count is set to the maximum value of 63 after two consecutive bus resets without an intervening write
to the gap count, either by a write to PHY register 1 or by a PHY-config packet. This mechanism allows a
PHY-config packet to be transmitted and then a bus reset initiated so as to verify that all nodes on the bus have
updated their RHBs and gap-count values, without having the gap count set back to 63 by the bus reset. The
subsequent connection of a new node to the bus, which initiates a bus reset, then causes the gap count of each
node to be set to 63. Note, however, that if a subsequent bus reset is instead initiated by a write to register 1
to set the IBR bit, all other nodes on the bus have their gap-count values set to 63, while this node gap count
remains set to the value just loaded by the write to PHY register 1.
Therefore, in order to maintain consistent gap counts throughout the bus, the following rules apply to the use
of the IBR bit, RHB, and gap-count in PHY register 1:
D Following the transmission of a PHY-config packet, a bus reset must be initiated in order to verify that all
nodes have correctly updated their RHBs and gap-count values, and to ensure that a subsequent new
connection to the bus causes the gap count to be set to 63 on all nodes in the bus. If this bus reset is initiated
by setting the IBR bit to 1, the RHB and gap-count register must also be loaded with the correct values
consistent with the just transmitted PHY-config packet. In the TSB41AB2, the RHB and gap count are
updated to their correct values upon the transmission of the PHY-config packet, and so these values may
first be read from register 1 and then rewritten.
D Other than to initiate the bus reset which must follow the transmission of a PHY-config packet, whenever
the IBR bit is set to 1 in order to initiate a bus reset, the gap-count value must also be set to 63 so as to be
consistent with other nodes on the bus, and the RHB should be maintained with its current value.
D The PHY register 1 should not be written to except to set the IBR bit. The RHB and gap count should not
be written without also setting the IBR bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com