Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

613 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 613
Description  Low Profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

613 Datasheet(HTML) 2 Page - Oscilent Corporation

  613 Datasheet HTML 1Page - Oscilent Corporation 613 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
.
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
613
ZTA-MGL
3.00 ~ 8.00
10.0
5.5
30
30
PART NUMBER GUIDE
Part Number
Frequency
Frequency Accuracy
( % )
Operating
Temp ( °C )
Packaging**
612
- 20.0M
- 03
W
- TR
610 to 613 (see table
above)
e.g. -12.1M = 12.10 MHz
Range =1.79 ~ 60.0 MHz
Blank* = ±0.5%
-03 = ±0.3%
Blank* = -20 ~ +80
-N = -40 ~ +85
-W = -40 ~ +125
Blank* = Bulk
-TT = Ammo Pack (Qty =
2K)
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
*STANDARDS: "Blank" part number selections, indicate standard variables for the particular characteristic.
**PACKAGING: Click on the packaging name above for Ammo Pack specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.:
610 to 613
Page 2 of 2
Oscilent Corporation | 610 - 613 Series Ceramic Resonator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com