Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

641 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 641
Description  Two-Port 180째 SAW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

641 Datasheet(HTML) 2 Page - Oscilent Corporation

  641 Datasheet HTML 1Page - Oscilent Corporation 641 Datasheet HTML 2Page - Oscilent Corporation 641 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
..
PART NUMBER GUIDE
Part Number
Frequency
641-384.05M
384.05 MHz
641-418.0M
418.0
641-433.42M
433.42
641-433.92M
433.92
NOTE: Deviations on all parameters available. Please consult Oscilent for
details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular
characteristic.
Series No.: 641
Page 2 of 3
Oscilent Corporation | 641
12/28/2005
http://www.oscilent.com/spec_pages/Resonators/R-641.htm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com