Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89174LPF Datasheet(PDF) 22 Page - fujitsu semiconductor

Part # MB89174LPF
Description  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89174LPF Datasheet(HTML) 22 Page - fujitsu semiconductor

Back Button MB89174LPF Datasheet HTML 18Page - fujitsu semiconductor MB89174LPF Datasheet HTML 19Page - fujitsu semiconductor MB89174LPF Datasheet HTML 20Page - fujitsu semiconductor MB89174LPF Datasheet HTML 21Page - fujitsu semiconductor MB89174LPF Datasheet HTML 22Page - fujitsu semiconductor MB89174LPF Datasheet HTML 23Page - fujitsu semiconductor MB89174LPF Datasheet HTML 24Page - fujitsu semiconductor MB89174LPF Datasheet HTML 25Page - fujitsu semiconductor MB89174LPF Datasheet HTML 26Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
MB89170/170A/170L Series
The RP indicates the address of the register bank currently in use. The relationship between the pointer contents
and the actual address is based on the conversion rule illustrated below.
The CCR consists of bits indicating the results of arithmetic operations and the contents of transfer data, and
bits for control of CPU operations at the time of an interrupt.
H-flag:
Set to ‘1’ when a carry or a borrow from bit 3 to bit 4 occurs as a result of arithmetic operation. Cleared
to ‘0’ otherwise. This flag is for decimal adjustment instructions.
I-flag:
Interrupt is enabled when this flag is set to ‘1’. Interrupt is disabled when the flag is cleared to ‘0’. Cleared
to ‘0’ at the reset.
IL1, 0:
Indicates the level of the interrupt currently allowed. Processes an interrupt only if its request level is
higher than the value indicated by this bit.
N-flag:
Set to ‘1’ if the MSB becomes ‘1’ as the result of an arithmetic operation. Cleared to ‘0’ otherwise.
Z-flag:
Set to ‘1’ when an arithmetic operation results in ‘0’. Cleared to ‘0’ otherwise.
V-flag:
Set to ‘1’ if the complement on 2 overflows as a result of an arithmetic operation. Cleared to ‘0’ if the
overflow does not occur.
C-flag:
Set to ‘1’ when a carry or a borrow from bit 7 occurs as a result of an arithmetic operation. Cleared to
‘0’ otherwise. Set to the shift-out value in the case of a shift instruction.
IL1
IL0
Interrupt level
High-low
00
1
High
Low
01
10
2
11
3
Rule for Conversion of Actual Addresses of the General-purpose Register Area
“0”
↓
A15
“0”
↓
A14
“0”
↓
A13
“0”
↓
A12
“0”
↓
A11
“0”
↓
A10
“0”
↓
A9
“1”
↓
A8
R4
↓
A7
R3
↓
A6
R2
↓
A5
R1
↓
A4
R0
↓
A3
b2
↓
A2
b1
↓
A1
b0
↓
A0
Lower OP codes
RP
Generated addresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com