Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NET9RMBLK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NET9RMBLK
Description  APC Black Rackmount SurgeArrest 9 Outlet 120V
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NET9RMBLK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NET9RMBLK Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© American Power Conversion Corp., all rights reserved
World Wide
SurgeArrest Rack-mount
APC Black Rackmount SurgeArrest 9 Outlet 120V
NET9RMBLK
Email Technical Specifications
Printer Friendly
More Images
Standard Lead Time : Usually in Stock
Advanced power protection for rack-mounted
equipment
Includes: Cord management rails, Plug pull
protectors, Rack Mounting brackets, User Manual
Technical Specifications
Product Overview
Documentation
Compare Models
Output
Number of Outlets
9
Receptacle Style
NEMA 5-15R
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz +/- 5 Hz (auto sensing)
Input Connections
NEMA 5-15P
Maximum Line Current per phase
15A
Cord Length
4.57 meters
Maximum Input Current
15A
Input Breaker Capacity
15A
Surge Protection and Filtering
Surge energy rating
1700 Joules
EMI/RFI Noise rejection (100 kHz to
10 mHz)
90 dB
Peak Current Normal Mode
26 kAmps
Peak Current Common Mode
40 kAmps
Let Through Voltage Rating
< 40
Physical
Net Weight
2.18 KG
Maximum Height
44.00 mm
Maximum Width
483.00 mm
Maximum Depth
146.00 mm
Shipping Weight
2.77 KG
Shipping Height
70.00 mm
Shipping Width
483.00 mm
Shipping Depth
343.00 mm
Master Carton Units
6.00
Master Carton Dimensions (Length x
Width x Height)
388 x 258 x 530 mm
Master Carton Weight
13.14 KG
SCC Codes
1073130424862 7
Color
Black
Environmental
Operating Environment
0 - 40 °C
Operating Relative Humidity
0%
Operating Elevation
0-3000 meters
Storage Temperature
-15 - 45 °C
Storage Relative Humidity
0%
Storage Elevation
0-15000 meters
Conformance
Regulatory Approvals
CSA,UL 1283,UL 1449,UL Listed
Standard Warranty
Lifetime
UL 1449 TVSS Rating
330V
Copyright
About APC
Investors
Job Seekers
Press
Feedback
Contact
Privacy Policy
Home
Products
Support
Services
Selectors
How to Buy


Similar Part No. - NET9RMBLK

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NET-35 MEANWELL-NET-35 Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
NET-35 MEANWELL-NET-35 Datasheet
406Kb / 2P
35W Triple Output Switching Power Supply
logo
Total Power Internation...
NET-35 TOTAL-POWER-NET-35 Datasheet
415Kb / 2P
35W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
NET-35A MEANWELL-NET-35A Datasheet
403Kb / 2P
35W Triple Output Switching Power Supply
NET-35A MEANWELL-NET-35A Datasheet
406Kb / 2P
35W Triple Output Switching Power Supply
More results

Similar Description - NET9RMBLK

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
NET3 SCHNEIDER-NET3 Datasheet
70Kb / 2P
Network SurgeArrest 3 Outlet 120V
Apr 8, 2020
NET7 SCHNEIDER-NET7 Datasheet
76Kb / 2P
APC Network SurgeArrest, 7 outlet
Apr 8, 2020
NET8 SCHNEIDER-NET8 Datasheet
114Kb / 2P
APC Network SurgeArrest, 8 outlet
Apr 8, 2020
PRF7 SCHNEIDER-PRF7 Datasheet
81Kb / 2P
Performance SurgeArrest 7 Outlet 120V
Apr 8, 2020
PRO7 SCHNEIDER-PRO7 Datasheet
89Kb / 2P
APC Professional SurgeArrest, 7 outlet
Apr 8, 2020
PRO7T SCHNEIDER-PRO7T Datasheet
77Kb / 2P
APC Professional SurgeArrest, 7 outlet, phone
Apr 8, 2020
PRO8 SCHNEIDER-PRO8 Datasheet
81Kb / 2P
APC Professional SurgeArrest, 8 outlet
Apr 8, 2020
PRO8T2MP12B SCHNEIDER-PRO8T2MP12B Datasheet
56Kb / 2P
APC PROFESSIONAL SURGEARREST 8 OUTLET W/TEL2 BLACK 120V
PRO10TR SCHNEIDER-PRO10TR Datasheet
102Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL 120V RETAIL
PRO10TV2R SCHNEIDER-PRO10TV2R Datasheet
98Kb / 2P
APC PROFESSIONAL SURGEARREST 10 OUTLET W/TEL & 2COAX 120V RETAIL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com