Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0127C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0127C
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0127C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0127C Datasheet HTML 1Page - Solid States Devices, Inc RC0127C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0127C
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
MIN
MAX
UNIT
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 25°C)
IF = 200mA
IF = 100mA
IF = 50mA
IF = 10mA
IF = 5mA
IF = 1mA
VF1
VF2
VF3
VF4
VF5
VF6
.83
.79
.74
.65
.60
.52
1.00
.92
.88
.80
.765
.70
Vdc
Minimum Breakdown Voltage
Ir = 50 μA
BVR
125
---
Vdc
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
VR = 125V
IR1
--
1.0
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 150°C)
VR = 125V
IR2
--
3
μA
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz, VR = 0V)
CJ
--
8.0
pf
Maximum Reverse Recovery Time
(IF = 10 mA, VR = 35V, R = 1,000 Ω)
trr
--
3
μsec
Dimensions prior to soldering
AXIAL
SM
SMS
DIM
MIN
MAX
MIN
MAX
MIN
MAX
A
.056”
.075”
.063”
.067”
.070”
.085”
B
.140”
.180”
.130”
.146”
.165”
.195”
C
1.00”
1.50”
.016”
.022”
.019”
.028”
D
.018”
.022”
.001”
---
.003”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD3595



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com