Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTC115TM Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PDTC115TM
Description  NPN resistor-equipped transistors; R1 =100 kW, R2 open
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTC115TM Datasheet(HTML) 3 Page - NXP Semiconductors

  PDTC115TM Datasheet HTML 1Page - NXP Semiconductors PDTC115TM Datasheet HTML 2Page - NXP Semiconductors PDTC115TM Datasheet HTML 3Page - NXP Semiconductors PDTC115TM Datasheet HTML 4Page - NXP Semiconductors PDTC115TM Datasheet HTML 5Page - NXP Semiconductors PDTC115TM Datasheet HTML 6Page - NXP Semiconductors PDTC115TM Datasheet HTML 7Page - NXP Semiconductors PDTC115TM Datasheet HTML 8Page - NXP Semiconductors PDTC115TM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
9397 750 14021
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 04 — 17 February 2005
3 of 10
Philips Semiconductors
PDTC115T series
NPN resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
3.
Ordering information
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2 and Section 9).
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 4:
Ordering information
Type number
Package
Name
Description
Version
PDTC115TE
SC-75
plastic surface mounted package; 3 leads
SOT416
PDTC115TK
SC-59A
plastic surface mounted package; 3 leads
SOT346
PDTC115TM
SC-101
leadless ultra small plastic package; 3 solder lands;
body 1.0
× 0.6 × 0.5 mm
SOT883
PDTC115TS [1]
SC-43A
plastic single-ended leaded (through hole) package;
3 leads
SOT54
PDTC115TT
-
plastic surface mounted package; 3 leads
SOT23
PDTC115TU
SC-70
plastic surface mounted package; 3 leads
SOT323
Table 5:
Marking codes
Type number
Marking code [1]
PDTC115TE
17
PDTC115TK
28
PDTC115TM
G5
PDTC115TS
TC115T
PDTC115TT
*AK
PDTC115TU
*17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com