Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3299 Datasheet(PDF) 3 Page - NEC

Part # K3299
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3299 Datasheet(HTML) 3 Page - NEC

  K3299 Datasheet HTML 1Page - NEC K3299 Datasheet HTML 2Page - NEC K3299 Datasheet HTML 3Page - NEC K3299 Datasheet HTML 4Page - NEC K3299 Datasheet HTML 5Page - NEC K3299 Datasheet HTML 6Page - NEC K3299 Datasheet HTML 7Page - NEC K3299 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14060EJ1V0DS00
3
2SK3299
TYPICAL CHARACTERISTICS (TA = 25 °C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0
40
20
30
5
0
15
20
10
25
30
6.0 V
VGS = 10 V
8.0 V
Pulsed
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
15
10
5
0
100
10
1
0.1
0.01
VDS = 10 V
Pulsed
25 ˚C
−25 ˚C
Tch = 125 ˚C
75 ˚C
GATE TO SOURCE CUTOFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
5.0
4.0
3.0
2.0
1.0
0
VDS = 10 V
ID = 1 mA
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
100
10
ID - Drain Current - A
10
100
0.1
1
0.1
VDS = 10 V
Pulsed
Tch =
−25 ˚C
25 ˚C
75 ˚C
125 ˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
10
2.0
VGS - Gate to Source Voltage - V
1.0
0
515
0
3.0
Pulsed
ID = 10 A
5.0 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1.0
1.0
10
100
ID - Drain Current - A
2.0
0
0
3.0
Pulsed
VGS = 10 V
20 V
•
•
•
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com