Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC0146C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RC0146C
Description  Ultra Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0146C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RC0146C Datasheet HTML 1Page - Solid States Devices, Inc RC0146C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0146C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR20 __ __ __ __
│
│
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
= Axial
BT = Cathode Button
BTR = Anode Button
Reverse Recovery
UF = Ultra Fast
Voltage
30 = 300 V
40 = 400 V
50 = 500 V
60 = 600 V
SDR2030UF thru
SDR2060UF Series
20 AMP
Ultra Fast Rectifier
300 - 600 Volts
45 nsec
Features:
Replaces DO-4 and DO-5
Ultra Fast Recovery
Low Reverse Leakage Current
Hermetically Sealed Void-Free Construction
3/
Monolithic Single Chip Construction
High Surge Rating
Low Thermal Resistance
Higher Voltages Available - Contact Factory
Replacement for MSARS20E060G
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR2030UFBT
SDR2040UFBT
SDR2050UFBT
SDR2060UFBT
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz Sine Wave)
Button @Tc
≤ 100°C
Axial @TL ≤ 55°C
IO
20
10
Amps
Peak Surge Current
(8.3 ms Pulse, Half sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between
Pulses, TA=25
oC)
IFSM
300
Amps
Operating and Storage Temperature
Top & Tstg
-65 to +175
oC
Maximum Thermal Resistance
BT Button
BTR Button
Axial @ 0.25”
RJC
RJC
RJL
2.0
2.2
6.0
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability,
contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ PIND testing not required on void free devices per MIL-PRF-19500.
Axial
Button


Similar Part No. - RC0146C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
20 AMP Ultra Fast Rectifier 300 - 600 Volts
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
More results

Similar Description - RC0146C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com