Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9682 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 9682
Description  Its a complete tool kit that fits in your palm.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9682 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 9682 Datasheet HTML 8Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 9Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 10Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 11Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 12Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 13Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 14Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 15Page - List of Unclassifed Manufacturers 9682 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Connector Style
Cable Type
Crimp Dims
10 Pack
50 Pack
Clamshell
Clamshell
Hex-Crimp
RG59
.324”
9676
9703
RG6
.324”
9677
9680
RG6 Quad
.360”
9678
9681
Push-On
RG59
9682
9684*
RG6
9683
9685*
Twist-On
RG59
9694
9709
RG6
9695
9710
Make cable TV cords for indoor usage using standard Hex-Crimp or with our new push-on and twist-on
connectors that require no crimping tool for termination. Push-On Cable TV “F” Connectors feature a
special knurled nut for superior grip and strong connection. Twist-On style uses sharp threads to
firmly grip cable for good connections.
Hex-Crimp, Push-On and Twist-On Cable TV “F” Connectors
* Denotes 50 pack of connectors packed in jar
Satellite
Cable TV
9669
9688
9670
9689
9671
9690
Split TV signals out to multiple outlets. Features “F”-style
female ports. 75 ohm impedance. Bandwidth: 5-2400 MHz
for satellite and 5-1000 MHz for cable TV splitters. All
ports on satellite splitters are power passive.
Splitters, Diplexer and In-Line Amplifier
2-Way Splitter
3-Way Splitter
4-Way Splitter
9669
9670
9671
9688
9689
9690
Satellite Di-Plexer (PN 9673) combines
signals from the satellite dish and UHF/VHF
antenna into one coaxial cable output.
Diplexed signal can be sent through an
In-Line Amplifier (PN 9672) to send
the signal to multiple outlets.
9673
9672
Hex-Crimp
Twist-On
Push-On
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com