Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF0005B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RF0005B
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RF0005B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RF0005B Datasheet HTML 1Page - Solid States Devices, Inc RF0005B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0005B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD __ __
└
Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└
Pin Configuration __ = Normal (Cathode to Stud)
(See Table 1)
R = Reverse (Anode to Stud)
│
│
│
│
│
│
│
│
└ Family/Voltage
3899 = 50V
3900 = 100V
3901 = 200V
3902 = 300V
3903 = 400V
SPD3899
Thru
SPD3903
20 Amp
50-400 Volt
120 nsec
FAST RECOVERY
RECTIFIER
Features:
•
Fast Recovery: 120 nsec maximum
•
Low Reverse Leakage Current
•
Single Chip Construction
•
PIV to 400V
•
Hermetically Sealed
•
High Surge Rating
•
Low Thermal Resistance
•
Higher Voltage Devices Available–Contact Factory
•
For Reverse Polarity Add Suffix “R”
•
Replacement for 1N3899, 1N3900, 1N3901, 1N3902,
and 1N3903
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking
Voltage
SPD3899
SPD3900
SPD3901
SPD3902
SPD3903
VRRM
VRWM
VR
50
100
200
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
250
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +150
ºC
Maximum Thermal Resistance
Junction to Case
RθJC
1.8
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
DO-5:


Similar Part No. - RF0005B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RF0005B SSDI-RF0005B_15 Datasheet
75Kb / 2P
FAST RECOVERY RECTIFIER
More results

Similar Description - RF0005B

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com