Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF0013F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RF0013F
Description  Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RF0013F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RF0013F Datasheet HTML 1Page - Solid States Devices, Inc RF0013F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RF0013F
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SPD __ __ __
│
│
│
│
│
│
│
│
│
└
│
│
│
│
│
└
└ Screening
2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level (for SM, use –S)
Package Type
__ = Axial Leaded
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
Voltage
4942 = 200V
4943 = 300V
4944 = 400V
4945 = 500V
4946 = 600V
4947 = 800V
4948 = 1000V
SPD4942 Thru SPD4948
Series
1 Amp, 150-200 nsec, 200-1000 V
Fast Recovery Rectifier
Features:
Fast Recovery: 150-200 nsec maximum
Low Reverse Leakage Current
Single Chip Construction
PIV to 1000 Volts
Hermetically Sealed
High Surge Rating
Low Thermal Resistance
Replacement for 1N4942 – 1N4948
TX, TXV, and Space Level Screening
Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD4942
SPD4943
SPD4944
SPD4945
SPD4946
SPD4947
SPD4948
VRRM
VRWM
VR
200
300
400
500
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25 °C)
Io
1
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to reach
equilibrium between pulses, TA = 25 °C)
IFSM
25
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L= 3/8”
Junction to Tabs
RJL
RJE
45
35
ºC/W
NOTES:
1/ For Ordering Information, Operating Curves, Price, and
Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows
Available on Request.
Axial
Surface Mount
Round Tab
Surface Mount
Square Tab


Similar Part No. - RF0013F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RF0013F SSDI-RF0013F_15 Datasheet
121Kb / 2P
Fast Recovery Rectifier
More results

Similar Description - RF0013F

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com