Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC560E Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC560E
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560E Datasheet(HTML) 2 Page - Semtech Corporation

  SC560E Datasheet HTML 1Page - Semtech Corporation SC560E Datasheet HTML 2Page - Semtech Corporation SC560E Datasheet HTML 3Page - Semtech Corporation SC560E Datasheet HTML 4Page - Semtech Corporation SC560E Datasheet HTML 5Page - Semtech Corporation SC560E Datasheet HTML 6Page - Semtech Corporation SC560E Datasheet HTML 7Page - Semtech Corporation SC560E Datasheet HTML 8Page - Semtech Corporation SC560E Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SC560
2
Pin Con guration
Marking Information
Ordering Information
Device
Package
SC560xULTRT(1)(2)(3)
MLPQ-UT8 1.5×1.5
SC560xEVB(3)
Evaluation Board
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device is WEEE and RoHS
compliant and halogen-free.
(3) The device variant is denoted by the x.
1
2
3
4
5
6
7
8
TO P V IE W
0 n
yw
Pinout and Voltage Options
Device
Pin Options
Output Voltage
Options
Part
No.
Code
Pin 4
Pin7
Pin 8
V
LDOA
V
LDOB
SC560A
FBA
BYP
FBB
ADJ
ADJ
0A
SC560B
FBA
ENB
FBB
ADJ
ADJ
0B
SC560C
FBA
PGOOD
FBB
ADJ
ADJ
0C
SC560D
ENB
BYP
PGOOD
2.8V
1.8V
0D
SC560E
ENB
BYP
PGOOD
2.85V
2.85V
0K
SC560F
ENB
BYP
PGOOD
2.5V
1.8V
0L
SC560G
ENB
BYP
PGOOD
2.8V
1.5V
0U
SC560H
ENB
BYP
PGOOD
3.3V
3.3V
0S
SC560L
ENB
BYP
PGOOD
3.3V
1.8V
0Z
MLPQ-UT-8; 1.5x1.5, 8 LEAD
θ
JA = 157°C/W
0n = Part No. Code
See Pinout and Voltage Options Table for details
yw = Datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com