Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC560L Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC560L
Description  Dual Output Low Noise LDO Linear Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC560L Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC560L Datasheet HTML 2Page - Semtech Corporation SC560L Datasheet HTML 3Page - Semtech Corporation SC560L Datasheet HTML 4Page - Semtech Corporation SC560L Datasheet HTML 5Page - Semtech Corporation SC560L Datasheet HTML 6Page - Semtech Corporation SC560L Datasheet HTML 7Page - Semtech Corporation SC560L Datasheet HTML 8Page - Semtech Corporation SC560L Datasheet HTML 9Page - Semtech Corporation SC560L Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SC560
6
Typical Characteristics (continued)
PSRR vs. Frequency (Both LDOs)
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
V OUT = 2 .8 V , IO = 50 mA , no C BYP
Output Noise vs. Load Current (Both LDOs)
0
10
20
30
40
50
60
70
80
0
50
100
150
200
250
Output Current (mA)
T = 85
°C
T = 25
°C
T = -40
°C
V OUT = 2 .8 V , V IN= 3 .7 V , C BYP= 22nF
PSRR vs. Frequency (Both LDOs)
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
Frequency (Hz)
V OUT = 2 .8 V , Io= 50 mA , C BYP= 22nF
Output Noise vs. Load Current (Both LDOs)
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
Output Current (mA)
V OUT = 2.8V , V IN = 3.7V , no C BYP
T A= 85 °C
T A= 25 °C
T A= -40 °C
Load Transient Response
Rising Edge (Both LDOs)
V
IN = 3.6V, VOUT = 2.8V
I
OUT=10mA to
200ma
(100mA/div)
V
OUT
(10mV/div)
Load Transient Response
Falling Edge (Both LDOs)
V
IN = 3.6V, VOUT = 2.8V
I
OUT=10mA to
200ma
(100mA/div))
V
OUT
(10mV/div)
2
μs/div
20
μs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com