Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U206-006-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U206-006-R
Description  USB to Parallel Printer Cable (USB-A to Centronics 36-M) 6-ft.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

U206-006-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U206-006-R Datasheet HTML 1Page - List of Unclassifed Manufacturers U206-006-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB to Parallel Printer Cable (USB-A to Centronics
36-M) 6-ft.
MODEL NUMBER: U206-006-R
Description
Tripp Lite's gold USB to Parallel Printer Cable (USB 1.1) provides the convenience of connecting a parallel
device such as a printer to a computer through the USB port. Just plug it in and the driver installs automatically;
no need for a software CD. Perfect for systems without a parallel port or when the existing parallel port is
needed to be freed up for other devices. The 6ft. cable features gold-plated connectors and gold-plated copper contacts for superior conductivity. The cable is
manufactured with molded connectors and integral strain relief for extra durability and long life. Double shielding provides maximum EMI/RFI protection.
USB-A male to Cent36 male. Clamshell retail packaging.
Features
Connects a parallel device such as a printer to a computer through the USB port
Just plug it in and the driver installs automatically; no need for a software CD
Perfect for systems without a parallel port or when the existing parallel port is needed for other devices
6ft cable features gold plated connectors and gold plated copper contacts for superior conductivity
Molded connectors and integral strain relief provide extra durability and long life
Double shielding provides maximum EMI/RFI protection
USB-A male to Cent36 male, USB 1.1 rated
Compatible with Windows 2000, XP 32- and 64-bit, 2003 Server 32- and 64-bit, Vista 32- and 64-bit, 2008 Server 32- and 64-bit, and 7 32- and 64-bit
Specifications
OVERVIEW
Intended Application
Connecting Peripherals
Cable Type
USB
Highlights
Connect a non-USB Parallel
printer to a computer USB port
USB 1.1
Driver installs automatically,
without the need for a software
CD
Compatible with Windows 2000,
XP 32- and 64-bit, 2003 Server
32- and 64-bit, Vista 32- and
64-bit, 2008 Server 32- and
64-bit, and 7 32- and 64-bit
System Requirements
USB port on PC running
Windows 2000 or later
Parallel printer with Cen36 port
Package Includes
USB to Parallel Printer Cable
(USB A to Cen36 M) - 6 ft.
Instruction Manual
1 / 2


Similar Part No. - U206-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
More results

Similar Description - U206-006-R

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U206006R TRIPPLITE-U206006R Datasheet
508Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 6-ft
U206010 TRIPPLITE-U206010 Datasheet
509Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M-M), 10-ft.
U207006 TRIPPLITE-U207006 Datasheet
508Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M-F), 6-ft
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
U050-006 TRIPPLITE-U050-006 Datasheet
155Kb / 2P
USB 2.0 A to Micro-B Cable (M/M), 6-ft.
U050-006-COIL TRIPPLITE-U050-006-COIL Datasheet
159Kb / 2P
USB 2.0 A to Micro-B Coiled Cable (M/M), 6 ft.
U206-006-R TRIPPLITE-U206-006-R Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 6-ft.
U206-010 TRIPPLITE-U206-010 Datasheet
175Kb / 2P
USB to Parallel Printer Cable (USB-A to Centronics 36 M/M), 10-ft.
U207-006 TRIPPLITE-U207-006 Datasheet
171Kb / 2P
Hi-Speed USB to IEEE 1284 Parallel Printer Gold Adapter Cable (USB-A to DB25 M/F), 6-ft.
U209-006-RJ45-X TRIPPLITE-U209-006-RJ45-X Datasheet
172Kb / 2P
USB to RJ45 Cisco Serial Rollover Cable, USB Type-A to RJ45 M/M, 6 ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com