Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2572 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # TSL2572
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL2572 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button TSL2572 Datasheet HTML 16Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 17Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 18Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 19Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 20Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 21Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 22Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 23Page - List of Unclassifed Manufacturers TSL2572 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
21
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
SOLDERING INFORMATION
The FN package has been tested and has demonstrated an ability to be reflow soldered to a PCB substrate.
The solder reflow profile describes the expected maximum heat exposure of components during the solder
reflow process of product on a PCB. Temperature is measured on top of component. The components should
be limited to a maximum of three passes through this solder reflow profile.
Table 13. Solder Reflow Profile
PARAMETER
REFERENCE
DEVICE
Average temperature gradient in preheating
2.5
°C/sec
Soak time
tsoak
2 to 3 minutes
Time above 217
°C (T1)
t1
Max 60 sec
Time above 230
°C (T2)
t2
Max 50 sec
Time above Tpeak −10°C (T3)
t3
Max 10 sec
Peak temperature in reflow
Tpeak
260
°C
Temperature gradient in cooling
Max −5
°C/sec
t3
t2
t1
tsoak
T3
T2
T1
Tpeak
Not to scale — for reference only
Time (sec)
Figure 15. Solder Reflow Profile Graph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com