Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL25721 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TSL25721
Description  LIGHT-TO-DIGITAL CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TSL25721 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TSL25721 Datasheet HTML 5Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 6Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 7Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 8Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 9Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 10Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 11Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 12Page - List of Unclassifed Manufacturers TSL25721 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
TSL2572
LIGHT-TO-DIGITAL CONVERTER
TAOS132 − MARCH 2012
9
The LUMENOLOGY
r Company
r
r
Copyright
E 2012, TAOS Inc.
www.taosinc.com
Interrupts
The interrupt feature simplifies and improves system efficiency by eliminating the need to poll the sensor for
light intensity values outside of a user-defined range. While the interrupt function is always enabled and it’s
status is available in the status register (0x13), the output of the interrupt state can be enabled using the ALS
interrupt enable (AIEN) fields in the enable register (0x00).
Two 16-bit interrupt threshold registers allow the user to set limits below and above a desired light level. An
interrupt can be generated when the ALS CH0 data (C0DATA) falls outside of the desired light level range, as
determined by the values in the ALS interrupt low threshold registers (AILTx) and ALS interrupt high threshold
registers (AIHTx).
It is important to note that the thresholds are evaluated in sequence, first the low threshold, then the high
threshold. As a result, if the low threshold is set above the high threshold, the high threshold is ignored and only
the low threshold is evaluated.
To further control when an interrupt occurs, the device provides a persistence filter. The persistence filter allows
the user to specify the number of consecutive out-of-range ALS occurrences before an interrupt is generated.
The persistence filter register (0x0C) allows the user to set the ALS persistence filter (APERS) value. See the
persistence filter register for details on the persistence filter values. Once the persistence filter generates an
interrupt, it will continue until a special function interrupt clear command is received (see command register).
CH0
ADC
CH0
Data
CH0
Upper Limit
Lower Limit
AIHTH(r07), AIHTL(r06)
ALS Persistence
AILTH(r05), AILTL(r04)
APERS(r0x0C, b3:0)
Figure 8. Programmable Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com