Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

562 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 562
Description  PECL Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

562 Datasheet(HTML) 2 Page - Oscilent Corporation

  562 Datasheet HTML 1Page - Oscilent Corporation 562 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
#1 Voltage Control
#2 Enable (low) /Disable (high)
#3 GND
#4 OUTPUT
#5 Complimentary Output
#6 Vcc
PART NUMBER GUIDE
Series
Number
Frequency
Voltage Supply
Option
Operating Temp. (°
C)
Duty Cycle
Absolute Pulling
Range
Linearity
562
- 120.0 M
- 3
N
- T
P1
20
Oscilent
VCXO
PECL
Mesa UM-1
Enter your desired
frequency e.g.
120.0M for 120.000
MHz
5 = 5VDC
3 = 3.3VDC
Blank* = 0~+70
N = -40~+85
Blank*= 50±10%
T = 50±5%
P1 = 50PPM
P2 = 100PPM
P4 = 30PPM
P5 = 75PPM
20 = 20%
10 = 10%
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Series No.: 562
Page 2 of 2
Oscilent Corporation | 562 Series VCXO - Voltage Control Crystal Oscillator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com