Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

921 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # 921
Description  LVPECL Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

921 Datasheet(HTML) 2 Page - Oscilent Corporation

  921 Datasheet HTML 1Page - Oscilent Corporation 921 Datasheet HTML 2Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Crystal Oscillators | Quartz Crystal | TCXO | VCXO | IF SAW Filter | RF SAW Filter | Ceramic Resonator
Crystal Filter | Ceramic Filter | SAW Filter / SAW Devices | Site Map
.
PIN CONNECTIONS
#1
Tri-State (Enable High)
#2
Frequency Select:
NC or Vcc: 106.25MHz
GND: 212.50MHz
#3
Ground
#4
Output
#5
Complimentary Output
#6
VDD
MARKING
Line 1
Oscilent
Line 2
921
PART NUMBER GUIDE
Series
Number
Frequency
Voltage
Supply Option
Frequency
Tolerance &
Stability (max.)
Oper. Temp.
(°C)
Duty Cycle
Pin #1
Other
921
- AM
- 3
E
1
- T
TS
- 001
Oscilent
Series
Frequency Select:
NC or Vcc: 106.25MHz
GND: 212.50MHz
3 = 3.3VDC
E = ±50 PPM
1 = 0~+85
T = 50±5%
Tri-State
-
NOTE: - Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: - Click on the characteristic names above for definitions of that particular characteristic.
*STANDARDS: - "Blank" part number selections indicate standard variables for that particular characteristic.
PACKAGING: - Standard tube packaging, add -TR for Tape/Reel. Click here for tape/reel specifications
Oscilent Corporation - CALL 949.252.0522
18195 East McDurmott Street . Building D . Irvine . CA 92614 . USA
Fax: 949.252.0599 . E-Mail: Sales@Oscilent.com
Series No.: 921
Page 2 of 2
Oscilent Corporation | 921 Series SMD Crystal Oscillator



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com