Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-674 Datasheet(PDF) 2 Page - Oscilent Corporation

Part # R-674
Description  SMD Resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

R-674 Datasheet(HTML) 2 Page - Oscilent Corporation

  R-674 Datasheet HTML 1Page - Oscilent Corporation R-674 Datasheet HTML 2Page - Oscilent Corporation R-674 Datasheet HTML 3Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
. .
.
Test Circuit IC
Freq. 8.0 ~ 13.0 MHz:
IC: 1/6TC4069UBPx2
16.0 ~ 60.0 MHz:
IC: 1/6TC74HCU04x2
VALUES OF C1 & C2
Frequency Range (MHz)
C1 (pF)
C2 (pF)
8.00 ~ 13.00
30
30
16.00 ~ 20.00
30
30
20.01 ~ 25.99
15
15
26.00 ~ 60.00
5
5
PART NUMBER GUIDE
Part Number
Frequency
Load Capacitance
Frequency
Accuracy ( % )
Operating
Temp ( °C )
Packaging**
675
- 10.5M
- 33
- 03
W
Blank* = Bulk
-TR = Tape/ Reel
674 =ZTACV
675 =
ZTTCV
e.g. -12.0M = 12.00 MHz
Std. Range = 7.0 ~ 13 MHz
and 16.0 ~ 60.0
Higher Freq. Avail. Contact
Oscilent for assistance.
Blank* = Standard as
shown in above Table
or Fill in the blank e.g
33 = 33pF
Blank* = ±0.5%
-03 = ±0.3%
Blank* = -20 ~ +80
-N = -40 ~ +85
-W = -40 ~ +125
NOTE: Deviations on all parameters available. Please consult Oscilent for details.
DEFINITIONS: Click on the characteristic names above, for definitions of the particular characteristic.
Page 2 of 3
Oscilent Corporation | 674 - 675 Series Ceramic Resonator



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com