Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE6205 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6205
Description  Medium Power 25 Watts RF Load Up To 18 GHz With N Male INPUT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6205 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6205 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6205 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6205 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
N Male
Connector Specification
MIL-STD-348
Heat Sink
Black Anodized Aluminum Heatsink
Connection Method
Standard
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.6:1
Maximum Input Power, Watts
25
Peak Power, Watts
500
Frequency 1
Frequency, GHz
DC to 6
VSWR
1.3:1
Frequency 2
Frequency, GHz
6 to 12.4
VSWR
1.45:1
Frequency 3
Frequency, GHz
12.4 to 18
VSWR
1.6:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +125
Width/Dia., in [mm]
2.3 [58.42]
.
Color
Black
Connector
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Body Material and Plating
Passivated Stainless Steel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
PE6205
PE6205 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Medium Power 25 Watts RF Load Up To 18 GHz With N Male Input Round Body Black Anod-
ized Aluminum Heatsink
PE6205
Medium Power 25 Watts RF Load Up To 18 GHz With N Male
Input Round Body Black Anodized Aluminum Heatsink


Similar Part No. - PE6205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6200 PASTERNACK-PE6200_16 Datasheet
774Kb / 3P
75 Watts High Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6201 PASTERNACK-PE6201 Datasheet
207Kb / 2P
1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
PE6202 PASTERNACK-PE6202 Datasheet
244Kb / 3P
75 Ohm 0.25 Watt HD Compatible F Male Terminator Up To 3 GHz
More results

Similar Description - PE6205

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6203 PASTERNACK-PE6203 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6204 PASTERNACK-PE6204 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz
PE6206 PASTERNACK-PE6206 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With N Female input
PE6207 PASTERNACK-PE6207 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC Male Input
PE6208 PASTERNACK-PE6208 Datasheet
249Kb / 3P
Medium Power 25 Watts RF Load Up To 18 GHz With TNC female Input
PE6209 PASTERNACK-PE6209 Datasheet
250Kb / 3P
Medium Power 25 Watts RF Load Up To 8 GHz With 7/16 DIN Male Input
PE6213 PASTERNACK-PE6213 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6214 PASTERNACK-PE6214 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6215 PASTERNACK-PE6215 Datasheet
250Kb / 3P
Medium Power 50 Watts RF Load Up To 18 GHz
PE6228 PASTERNACK-PE6228 Datasheet
203Kb / 3P
Medium Power 25 Watts RF Load Up To 3 GHz With
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com