Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90583C Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90583C
Description  16-bit Proprietary Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90583C Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90583C Datasheet HTML 17Page - fujitsu semiconductor MB90583C Datasheet HTML 18Page - fujitsu semiconductor MB90583C Datasheet HTML 19Page - fujitsu semiconductor MB90583C Datasheet HTML 20Page - fujitsu semiconductor MB90583C Datasheet HTML 21Page - fujitsu semiconductor MB90583C Datasheet HTML 22Page - fujitsu semiconductor MB90583C Datasheet HTML 23Page - fujitsu semiconductor MB90583C Datasheet HTML 24Page - fujitsu semiconductor MB90583C Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
MB90580C Series
21
13. Indeterminate outputs from ports 0 and 1
The outputs from ports 0 and 1 become indeterminate during a power-on reset after the power is turned on.
Pay attention to the port output timing shown as follow.
14. Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers
turning on the power again.
15. Return from standby state
If the power-supply voltage goes below the standby RAM holding voltage in the standby state, the device may
fail to return from the standby state. In this case, reset the device via the external reset pin to return to the
normal state.
16. Precautions for Use of ’DIV A, Ri,’ and ’DIVW A, RWi’ Instructions
The signed multiplication-division instructions ’DIV A, Ri,’ and ’DIVW A, RWi’ should be used when the corre-
sponding bank registers (DTB, ADB, USB, SSB) are set to value ’00h.’ If the corresponding bank registers (DTB,
ADB, USB, SSB) are set to a value other than ’00h,’ then the remainder obtained after the execution of the
instruction will not be placed in the instruction operand register.
17. Precautions for Use of REALOS
Extended intelligent I/O service (EI2OS) cannot be used, when REALOS is used.
VCC (Power-supply pin)
PONR (power-on reset) signal
RST (external asynchronous reset) signal
RST (internal reset) signal
Oscillation clock signal
KA (internal operation clock A) signal
KB (internal operation clock B) signal
PORT (port output) signal
Period of indeterminate
Power-on reset*1
Oscillation settling time*2
*1: Power-on reset time: Period of “clock frequency x 217” (Clock frequency of 16 MHz: 8.192 ms)
*2: Oscillation settling time: Period of “clock frequency x 218” (Clock frequency of 16 MHz: 16.384 ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com