Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6370QTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6370QTR
Description  2.5 A single high-side smart power switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6370QTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6370QTR Datasheet HTML 9Page - STMicroelectronics L6370QTR Datasheet HTML 10Page - STMicroelectronics L6370QTR Datasheet HTML 11Page - STMicroelectronics L6370QTR Datasheet HTML 12Page - STMicroelectronics L6370QTR Datasheet HTML 13Page - STMicroelectronics L6370QTR Datasheet HTML 14Page - STMicroelectronics L6370QTR Datasheet HTML 15Page - STMicroelectronics L6370QTR Datasheet HTML 16Page - STMicroelectronics L6370QTR Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DocID022313 Rev 2
13/17
L6370Q
Circuit description
17
Protection shuts off the output whenever the supply voltage falls below the mask fixed by
Vsth1(9 V typ.) and Vsth2 (8.5 V typ.).
The hysteresis (see Figure 4) assures a non-intermittent behavior at low supply voltage with
a superimposed ripple. The undervoltage status is indicated by the DIAG1 and DIAG2
outputs (see Table 7).
3.7
Demagnetization of inductive loads
An internal Zener diode, limiting the voltage across the power MOSFET between 50 and 60
V (Vcl), provides safe and fast demagnetization of inductive loads without external clamping
devices. The maximum energy that can be absorbed by an inductive load is specified as 1J
(at Tj = 85 °C) (see Table 3).
Figure 6. L6370Q short-circuit operation waveforms
Figure 7. Inductive load equivalent circuit
50V
L
+VS
IS
VS
RL
IO
OUTPUT
D95IN215A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com