Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDA30F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LDA30F
Description  Rugged PCB type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LDA30F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LDA30F Datasheet HTML 1Page - List of Unclassifed Manufacturers LDA30F Datasheet HTML 2Page - List of Unclassifed Manufacturers LDA30F Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL
LDA30F-3
LDA30F-5
LDA30F-12
LDA30F-15
LDA30F-24
MAX OUTPUT WATTAGE[W]
18
30
30
30
31.2
DC OUTPUT
3V 6.0A
5V 6.0A
12V 2.5A
15V 2.0A
24V 1.3A
SPECIFICATIONS
MODEL
LDA30F-3
LDA30F-5
LDA30F-12
LDA30F-15
LDA30F-24
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC110 - 370
CURRENT[A]
ACIN 100V 0.8typ (Io=100%)
ACIN 200V 0.4typ (Io=100%)
FREQUENCY[Hz]
47 - 440 or DC
EFFICIENCY[%]
70typ
75typ
77typ
78typ
79typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)
ACIN 200V 30typ (Io=100%)(At cold start)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to UL, CSA, VDE and DEN-AN)
OUTPUT
VOLTAGE[V]
3
5
121524
CURRENT[A]
6
6
2.5
2
1.3
LINE REGULATION[mV]
20max
20max
48max
60max
96max
LOAD REGULATION[mV]
40max
40max
100max
120max
150max
RIPPLE[mVp-p]
0to+50
C 80max
80max
120max
120max
120max
-10-0
C 140max
140max
160max
160max
160max
RIPPLE NOISE[mVp-p]
0to+50
C 120max
120max
150max
150max
150max
-10-0
C 160max
160max
180max
180max
180max
TEMPERATURE REGULATION[mV] 60max
60max
150max
180max
290max
DRIFT[mV]
*1 20max
20max
48max
60max
96max
START-UP TIME[ms]
200max (ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
10typ (ACIN 85V, Io=100%) 20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 - 3.6
Fixed ("Y"which can be adjusted the output is available as option :5, 12, 15, 24V
t10%)
OUTPUT VOLTAGE SETTING[V]
xx
4.9 - 5.3
11.5 - 12.5
14.4 - 15.6
23.0 - 25.0
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
4.00 - 5.25V
Works at 115 - 140% of rating
OPERATING INDICATION
Not provided
REMOTE SENSING
Not provided
REMOTE ON/OFF
Not provided
ISOLATION
INPUT-OUTPUT
AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-FG
AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +60
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing) 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, EN60950-1, EN50178, CSA C22.2 No.234 Complies with DEN-AN and IEC60950-1
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
OTHERS
CASE SIZE/WEIGHT
55
X26X133mm (WXHXD) /200g max (without chassis and cover)
COOLING METHOD
Convection
*1 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
* Avoid prolonged use under over-load.
* Series/Parallel operation with other model is not possible.
* Derating is required when operated with chassis and cover.
LDA30F
Rugged PCB type
LDA
30
F
-5
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional
C :with Coating
G :Low leakage current
S :with Chassis
SN :with Chassis & cover
Y :with Potentiometer
R
12345
LDA
E-38
Recommended Noise Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The Noise Filter is recommended
*to connect with several devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com