Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0069 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0069
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0069 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0069 Datasheet HTML 1Page - Solid States Devices, Inc RH0069 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR620-28
THRU
SDR622-28
Electrical Characteristics
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(IF=10Adc, TA = 25ºC, 300
µsec pulse) 1/
(IF=20Adc, TA = 25ºC, 300
µsec pulse) 1/
VF1
––
1.1
1.3
Volts
Instantaneous Forward Voltage Drop
(IF= 10Adc, TA = 100ºC, 300
µsec pulse) 1/
(IF= 10Adc, TA = -55ºC, 300
µsec pulse) 1/
VF2
––
1.0
1.2
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300
µsec pulse minimum)
IR1
––
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300
µsec pulse minimum)
IR2
––
1
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
225
pF
Reverse Recovery Time
(IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25ºC )
trr
––
35
nsec
CASE OUTLINE: 28 PIN LCC
Pin 1, 15-28: Anode
Pin 5-11: Cathode
Pin 2, 3, 13, 14: N/C
1/ For best results connect pins 1, 15-28 together and pins 5-11 together in operation.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0069B
DOC
.300
.030 TYP
.050 TYP
.450±.008
SQ.
.300
.035
28x .030
.010±.001
.095
MAX.
.010 TYP
.040 x 45° CHAM
3 PLACES
.020 x 45° CHAM
PIN 1
PIN 1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com