Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0093C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0093C
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0093C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0093C Datasheet HTML 1Page - Solid States Devices, Inc RH0093C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
805 = 50V
810 = 100 V
820 = 200 V
830 = 300 V
SPD805SMS
thru
SPD830SMS
8 AMP
50-300 VOLTS
40 nsec
Hyper Fast Rectifier
FEATURES:
•
Hyper Fast Recovery: 40 nsec maximum
•
PIV to 300 Volts
•
Hermetically Sealed
•
Void Free Construction
•
For High Efficiency Applications
•
Low Forward Voltage Drop
•
Square Tab Surface Mount Package
•
Replaces 1N5811 types
•
TX, TXV, and Space Level Screening Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD805SMS
SPD810SMS
SPD820SMS
SPD830SMS
VRRM
VRWM
VR
50
100
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
8
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to reach
equilibrium between pulses, TA =25
oC)
IFSM
125
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to End Tab
RθJE
12
oC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0093C
DOC


Similar Part No. - RH0093C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0093C SSDI-RH0093C_15 Datasheet
187Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0093C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com