Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0101D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0101D
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0101D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0101D Datasheet HTML 1Page - Solid States Devices, Inc RH0101D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SHF130 _6_ __ __ __
⏐
⏐
⏐
⏐
⏐
⏐
L Screening2/
= None
or TX , TXV, S
⏐
⏐
⏐
⏐
L Package
= Axial
SMS = Surface Mount
⏐
⏐
L Lead Dia
= .050" standard
A = .040" special order
L Voltage
4 = 400 V
6 = 600 V
8 = 800 V
SHF1304 thru SHF1308
SHF1304SMS thru SHF1308SMS
3 AMP, 400 – 800 Volts
40 - 50 nsec, Hyper Fast Rectifier
Features:
• Hyper Fast Recovery: 40 - 50 nsec
• PIV to 800 Volts
• Hermetically Sealed
• Void Free Construction
• For High Efficiency Applications
• Low Reverse Leakage
• Single Chip Construction
• Replaces UES 1304 Types
• TX, TXV, and S-Level Screening
Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SHF1304
SHF1306
SHF1308
VRRM
VR
400
600
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
3.0
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
75
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 3/8 "
Junction to End Tab
RθJL
RθJE
20
14
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
Axial Leaded
Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0101D
DOC


Similar Part No. - RH0101D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0101D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com