Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD103CW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SD103CW
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SD103CW Datasheet(HTML) 2 Page - Diodes Incorporated

  SD103CW Datasheet HTML 1Page - Diodes Incorporated SD103CW Datasheet HTML 2Page - Diodes Incorporated SD103CW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AW - SD103CW
0.01
0.1
1
0.001
0.0001
0
800
600
400
200
1,000
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 1 Typical Forward Characteristics
F
T = 25 C
A
°
T = 75 C
A
°
T = 125 C
A
°
T = 0 C
A
°
T = -40 C
A
°
0.01
0.1
1
10
100
1,000
0
25
75
50
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 2 Typical Reverse Characteristics
100
0
10
5
15
25
20
30
0
25
50
75
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig. 3 Total Capacitance vs. Reverse Voltage
f = 1.0MHz
0
100
200
500
025
50
75
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Power Derating Curve
A
100
300
400
Note 1
Ordering Information (Note 5)
Part Number
Case
Packaging
SD103AW-7-F
SOD-123
3000/Tape and Reel
SD103BW-7-F
SOD-123
3000/Tape and Reel
SD103CW-7-F
SOD-123
3000/Tape and Reel
SD103CW-13-F
SOD-123
10,000/Tape and Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
SD103AW - SD103CW
Document number: DS11013 Rev. 24 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com