Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH0165F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RH0165F
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0165F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RH0165F Datasheet HTML 1Page - Solid States Devices, Inc RH0165F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SRM__ HF __ __
└ Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
└ Package Type
__ = Axial
SMS = Surface Mount Square Tab
BTR = Button
│
│
│
│
│
│
│
│
│
└ Voltage
3 = 300 V
4 = 400 V
SRM3HF thru SRM4HF
Series
20 AMP
300-400 Volts
40 nsec
Hyper Fast Rectifier
Features:
•
Replaces DO-4 and DO-5 (1N5816,1N6306)
•
High Current/ Voltage Version of 1N5811
•
Hyper Fast Recovery
•
PIV to 400 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed Void-Free Construction3/
•
Monolithic Single Chip Construction
•
High Surge Rating
•
Low Thermal Resistance
•
Available in Surface Mount Versions
•
Equivalent to 1N6688-1N6689
•
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SRM3HF
SRM4HF
VRRM
VRWM
VR
300
400
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz Sine Wave, TA=25◦C)
IO
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between
Pulses, TA=25
oC)
IFSM
475
Amps
Operating and Storage Temperature
Top & Tstg
-65 to +175
oC
Maximum Thermal Resistance
(Axial – Junction to Lead, L=3/8”)
(SMS – Junction to End Tab)
(Button – Junction to Case)
Axial ( )
Square Tab (SMS)
Button (BTR)
RθJL
RθJE
RθJC
3.0
2.5
1.0
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability, contact factory.
2/ Modified MIL-PRF-19500 Screening Flow – Consult Factory.
3/ PIND testing not required on void free devices per MIL-PRF-19500.
Axial
SMS
Button
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0165F
DOC


Similar Part No. - RH0165F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0165F SSDI-RH0165F_15 Datasheet
146Kb / 2P
Hyper Fast Rectifier
More results

Similar Description - RH0165F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
RH0127 SSDI-RH0127_15 Datasheet
195Kb / 2P
HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com