Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L05BPUR Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST1L05BPUR
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05BPUR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST1L05BPUR Datasheet HTML 15Page - STMicroelectronics ST1L05BPUR Datasheet HTML 16Page - STMicroelectronics ST1L05BPUR Datasheet HTML 17Page - STMicroelectronics ST1L05BPUR Datasheet HTML 18Page - STMicroelectronics ST1L05BPUR Datasheet HTML 19Page - STMicroelectronics ST1L05BPUR Datasheet HTML 20Page - STMicroelectronics ST1L05BPUR Datasheet HTML 21Page - STMicroelectronics ST1L05BPUR Datasheet HTML 22Page - STMicroelectronics ST1L05BPUR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
DocID14492 Rev 3
19/30
ST1L05
Application information
30
Regarding to the adjustable version, the output voltage can be adjusted from 1.22 V up to
the input voltage, minus the voltage drop across PMOS (dropout voltage), by connecting a
resistor divider between ADJ pin and the output, thus allowing remote voltage sensing. The
resistor divider should be selected according to the following equation:
Equation 1
VO = VADJ (1 + R1 / R2) with VADJ = 1.22 V (typ.)
Resistors should be used with values in the range from 10 k
Ω to 100 kΩ. Lower values can
also be suitable, but they increase current consumption.
6.1
Power dissipation
An internal thermal feedback loop disables the output voltage if the die temperature rises to
approximately 165 °C. This feature protects the device from excessive temperature and
allows the user to push the limits of the power handling capability of a given circuit board
without risk of damaging the device.
A good PC board layout should be used to maximize the power dissipation. Thermal path
goes from the die to the copper lead frame through the package leads and exposed pad to
the PC board copper. The PC board copper works as a heatsink. Footprint copper pads
should be as wider as possible to spread and dissipate the heat to the surrounding ambient.
Feed-through vias to inner or backside copper layers are also useful to improve the overall
thermal performance of the device.
Power dissipation of the device depends on the input voltage, output voltage and output
current, and is given by:
Equation 2
PD = (VI -VO) IO
Figure 27. ST1L05C application schematic
GND
C
O
C
I
V
I
GND
OFF ON
EN
V
O
V
O
V
O_SENSE
ST1L05C
V
I
GND
C
O
C
I
V
I
GND
OFF ON
EN
V
O
V
O
V
O_SENSE
ST1L05C
V
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com