Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

224963 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 224963
Description  TMC-S-25-EE-SV-Standard-BA8-ZV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

224963 Datasheet(HTML) 1 Page - ERNI Electronics

  224963 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sonstige Angaben siehe Fertigungsunterlagen /
class: 2
Missing information and dimensions according to DIN 41652
Fehlende Masse und Angaben siehe DIN 41652 /
Additional indications according to production documentation
Anforderungsstufe: 2
empfohlene Gewindelänge /
recommended thread length
Anschlussbereich verzinnt
terminal area tin plating
Sonstige Angaben siehe 164062 /
additional indications according to 164062
Ident-Nr.
part-no.
Tray /
tray
Quermutter
nut
Querbolzen
bolt
Bemerkung
remark
284532
#4-40
M3
M3
#4-40
284531
#4-40
#4-40
M3
M3
#4-40
M3
M3
#4-40
284530
#4-40
#4-40
M3
M3
Gewinde A
thread A
Gewinde B
thread B
Gewinde A
thread A
Gewinde B
thread B
0,05
B
Layoutvorschlag
recommended layout
B
0,05 A
Pin 1
0,05
A
1
33,12
47 ±0,05
2,76
1,38
2,76
5
-0,06
+0,09
12 x 2,76 =
11 x 2,76 = 30,36
tray packaging
packaging unit 20 pcs
Verpackungseinheit 20 Stck
Verpackt in Tray
Pin 1
Sonstige Angaben siehe Zeichnung 204629 /
Additional inications according to drawing 204629
58
max.
325
4 x 58 = 232
Mutter /
nut
Gewinde A /
thread A
Gewindetiefe 5,9 mm
depth of thread 5,9 mm
±0,3
53
-0,2
38,5
47 ±0,1
0,6
prior notice.
contact one of the ERNI companies
Date
09.12.2011
b
Index
TMCS
TMC-S-25-EE-SV-Standard-BA8-ZV
TMC-S-25-EE-SV-Standard-BA8-ZV
224963
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
LP /
PCB
Gewinde B /
thread B
Anwendungsbeispiel /
example of use
( Schraube /
Screw DIN 7984 )
11,7
Bolzen /
bolt
Gewindetiefe 6 mm
depth of thread 6 mm
6,4


Similar Part No. - 224963

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224960 ERNI-224960 Datasheet
78Kb / 1P
TMC-S-37-EE-SV-Euro-BA8-ZV
224961 ERNI-224961 Datasheet
76Kb / 1P
TMC-S-09-EE-SV-Standard-BA8-ZV
224962 ERNI-224962 Datasheet
81Kb / 1P
TMC-S-15-EE-SV-Standard-BA8-ZV
logo
Littelfuse
224962-000 LITTELFUSE-224962-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
logo
ERNI Electronics
224964 ERNI-224964 Datasheet
100Kb / 1P
TMC-S-37-EE-SV-Standard-BA8-ZV
More results

Similar Description - 224963

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
224951 ERNI-224951 Datasheet
83Kb / 1P
TMC-P-25-EE-SV-Euro-BA8-ZV
224953 ERNI-224953 Datasheet
84Kb / 1P
TMC-P-09-EE-SV-Standard-BA8-ZV
224954 ERNI-224954 Datasheet
93Kb / 1P
TMC-P-15-EE-SV-Standard-BA8-ZV
224955 ERNI-224955 Datasheet
112Kb / 1P
TMC-P-25-EE-SV-Standard-BA8-ZV
224956 ERNI-224956 Datasheet
130Kb / 1P
TMC-P-37-EE-SV-Standard-BA8-ZV
224958 ERNI-224958 Datasheet
75Kb / 1P
TMC-S-15-EE-SV-Euro-BA8-ZV
224959 ERNI-224959 Datasheet
78Kb / 1P
TMC-S-25-EE-SV-Euro-BA8-ZV
224961 ERNI-224961 Datasheet
76Kb / 1P
TMC-S-09-EE-SV-Standard-BA8-ZV
224962 ERNI-224962 Datasheet
81Kb / 1P
TMC-S-15-EE-SV-Standard-BA8-ZV
224964 ERNI-224964 Datasheet
100Kb / 1P
TMC-S-37-EE-SV-Standard-BA8-ZV
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com