Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1L05DPUR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST1L05DPUR
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05DPUR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST1L05DPUR Datasheet HTML 13Page - STMicroelectronics ST1L05DPUR Datasheet HTML 14Page - STMicroelectronics ST1L05DPUR Datasheet HTML 15Page - STMicroelectronics ST1L05DPUR Datasheet HTML 16Page - STMicroelectronics ST1L05DPUR Datasheet HTML 17Page - STMicroelectronics ST1L05DPUR Datasheet HTML 18Page - STMicroelectronics ST1L05DPUR Datasheet HTML 19Page - STMicroelectronics ST1L05DPUR Datasheet HTML 20Page - STMicroelectronics ST1L05DPUR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
DocID14492 Rev 3
17/30
ST1L05
Application information
30
6
Application information
The ST1L05 is a low-dropout linear regulator. It provides up to 1.3 A with a low 300 mV
dropout. The input voltage range is from 3 V to 5.5 V. The device is available in fixed and
adjustable output versions.
The regulator is equipped with internal protection circuitry, such as short-circuit current
limiting and thermal protection.
The regulator is designed to be stable with ceramic capacitors on the input and the output.
The expected values of the input and output ceramic capacitors are from 1 µF to 22 µF with
4.7 µF typical. The input capacitor has to be connected within 1 cm from VI terminal. The
output capacitor has also to be connected 1 cm far from output pin. There isn’t any upper
limit to the value of the input capacitor.
Figure 24, Figure 25, Figure 26 and Figure 27 illustrate the typical application schematics:
Figure 24. ST1L05 application schematic
D
N
GD
N
G
CO
CI
V
VI
D
D
N
GN
G
V
VO
V
VO
5
0
L5
0
L
1
T
S1
T
S
V
VI
V
VO_SENSE
GIPG3005141059LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com