Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89153APF Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MB89153APF
Description  8-bit Proprietary Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89153APF Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MB89153APF Datasheet HTML 13Page - fujitsu semiconductor MB89153APF Datasheet HTML 14Page - fujitsu semiconductor MB89153APF Datasheet HTML 15Page - fujitsu semiconductor MB89153APF Datasheet HTML 16Page - fujitsu semiconductor MB89153APF Datasheet HTML 17Page - fujitsu semiconductor MB89153APF Datasheet HTML 18Page - fujitsu semiconductor MB89153APF Datasheet HTML 19Page - fujitsu semiconductor MB89153APF Datasheet HTML 20Page - fujitsu semiconductor MB89153APF Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17
MB89150/150A Series
7. Setting OTPROM Options
The programming procedure is the same as that for the PROM. Options can be set by programming values at
the addresses shown on the memory map. The relationship between bits and options is shown on the following
bit map:
• OTPROM option bit map
Notes:
• Set each bit to 1 to erase.
• Do not write 0 to the vacant bit.
The read value of the vacant bit is 1, unless 0 is written to it.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
3FF0H
Vacancy
Readable
Vacancy
Readable
Oscillation stabilization time
WTM1
WTM0
See section “s Mask
Options.”
Vacancy
Readable
Reset pin
output
1: Yes
0: No
Clock mode
selection
1: Dual clock
0: Single clock
Power-on
reset
1: Yes
0: No
3FF1H
P07
Pull-up
1: No
0: Yes
P06
Pull-up
1: No
0: Yes
P05
Pull-up
1: No
0: Yes
P04
Pull-up
1: No
0: Yes
P03
Pull-up
1: No
0: Yes
P02
Pull-up
1: No
0: Yes
P01
Pull-up
1: No
0: Yes
P00
Pull-up
1: No
0: Yes
3FF2H
P17
Pull-up
1: No
0: Yes
P16
Pull-up
1: No
0: Yes
P15
Pull-up
1: No
0: Yes
P14
Pull-up
1: No
0: Yes
P13
Pull-up
1: No
0: Yes
P12
Pull-up
1: No
0: Yes
P11
Pull-up
1: No
0: Yes
P10
Pull-up
1: No
0: Yes
3FF3H
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
3FF4H
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
3FF5H
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable
Vacancy
Readable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com