Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C2010-100CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2010-100CM
Description  4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2010-100CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2010-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2010-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2010-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
4.1/9.5 Mini DIN Male
Connector 2
4.1/9.5 Mini DIN Female
Cable Type
PE-SR402FLJ Low PIM
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.2:1
RF Shielding
-100 dB
Maximum Input Power
440 Watts
Passive Intermodulation
-160 dBc
Typical Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss,
0.3 dB
Power Handling, Watts
440
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.41 dB
Power Handling
300 Watts
Frequency 3
Frequency
2 GHz
Insertion Loss
0.6 dB
Power Handling
220 Watts
Frequency 4
Frequency
2.5 GHz
Insertion Loss
0.68 dB
Power Handling
190 Watts
Frequency 5
Frequency
3 GHz
Insertion Loss
0.75 dB
Power Handling
170 Watts
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Length
39.37 in [100 cm]
.
One Time Minimum Bend Radius
1.5 in [38.1 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM Length Using
SR402FLJ Low PIM Coax, RoHS PE3C2010-100CM
PE3C2010-100CM REV 1.0
PE3C2010-100CM
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed
Cable 100 CM Length Using SR402FLJ Low PIM Coax, RoHS


Similar Part No. - PE3C2010-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2010-200CM PASTERNACK-PE3C2010-200CM Datasheet
449Kb / 3P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
More results

Similar Description - PE3C2010-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2009-100CM PASTERNACK-PE3C2009-100CM Datasheet
452Kb / 4P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed cable 100cm
PE3C2009-200CM PASTERNACK-PE3C2009-200CM Datasheet
452Kb / 4P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male LSZH Jacketed 200Cm
PE3C2010-200CM PASTERNACK-PE3C2010-200CM Datasheet
449Kb / 3P
4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Cable 100 CM
PE91194 PASTERNACK-PE91194 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 Mated
PE91195 PASTERNACK-PE91195 Datasheet
360Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91196 PASTERNACK-PE91196 Datasheet
358Kb / 3P
4.1 - 9.5 Mini DIN Female to 4.1 - 9.5 Mini DIN Female Adapter IP67 Mated
PE91231 PASTERNACK-PE91231 Datasheet
357Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Male Adapter IP67 UnMated
PE91232 PASTERNACK-PE91232 Datasheet
359Kb / 3P
4.1 - 9.5 Mini DIN Male to 4.1 - 9.5 Mini DIN Female Adapter IP67 UnMated
PE3C2010 PASTERNACK-PE3C2010 Datasheet
366Kb / 4P
4.1 - 9.5 Mini DIN Male to 4.1/9.5 Mini DIN Female LSZH Jacketed Low PIM Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C4143 PASTERNACK-PE3C4143_V01 Datasheet
504Kb / 6P
Plenum 4.1/9.5 Mini DIN Male to 4.1/9.5 Mini DIN Male Low PIM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com