Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C2014-100CM Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C2014-100CM
Description  N Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable 100cm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C2014-100CM Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C2014-100CM Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C2014-100CM Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C2014-100CM Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Configuration
Connector 1
N Male
Connector 2
7/16 DIN Female
Cable Type
PE-SR401FLJ Low PIM
Electrical Specifications
Frequency Range
DC to 3 GHz
Impedance
50 Ohms
Maximum VSWR
1.15:1
RF Shielding
-100 dB
Maximum Input Power
2 KWatts
Passive Intermodulation
-160 dBc
Typical Performance by Frequency
Frequency 1
Frequency
500 MHz
Insertion Loss,
0.2 dB
Power Handling, KWatts
2
Frequency 2
Frequency
1000 MHz
Insertion Loss
0.26 dB
Power Handling
1.5 KWatts
Frequency 3
Frequency
3 GHz
Insertion Loss
0.46 dB
Power Handling
950 Watts
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
Length
39.37 in [100 cm]
.
One Time Minimum Bend Radius
5 in [127 mm]
Cable
Cable Type
PE-SR401FLJ Low PIM
Cable Inner Conductor
Copper, Silver
Cable Outer Conductor
Copper, Tin
Dielectric Type
PTFE
Jacket Material
PVC LSZH
Jacket Diameter
0.276 in [7.01 mm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable 100 CM Length Using SR401FLJ
Low PIM Coax, RoHS PE3C2014-100CM
PE3C2014-100CM REV 1.0
PE3C2014-100CM
N Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable
100 CM Length Using SR401FLJ Low PIM Coax, RoHS


Similar Part No. - PE3C2014-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2014-200CM PASTERNACK-PE3C2014-200CM Datasheet
450Kb / 3P
N Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable
More results

Similar Description - PE3C2014-100CM

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C2003-100CM PASTERNACK-PE3C2003-100CM Datasheet
456Kb / 4P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2004-100CM PASTERNACK-PE3C2004-100CM Datasheet
452Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Cable 100cm
PE3C2013-100CM PASTERNACK-PE3C2013-100CM Datasheet
448Kb / 3P
7/16 DIN Male to 7/16 DIN Male LSZH Jacketed Cable 100cm
PE3C2014-200CM PASTERNACK-PE3C2014-200CM Datasheet
450Kb / 3P
N Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable
PE3C2015-100CM PASTERNACK-PE3C2015-100CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2015-200CM PASTERNACK-PE3C2015-200CM Datasheet
449Kb / 3P
7/16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM cable 100cm
PE3C2005 PASTERNACK-PE3C2005 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Cable Using SR402FLJ Low PIM Coax, RoHS
PE3C2012 PASTERNACK-PE3C2012 Datasheet
366Kb / 4P
N Male to 7 - 16 DIN Male LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2014 PASTERNACK-PE3C2014 Datasheet
365Kb / 4P
N Male to 7 - 16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
PE3C2015 PASTERNACK-PE3C2015 Datasheet
367Kb / 4P
7 - 16 DIN Male to 7/16 DIN Female LSZH Jacketed Low PIM Cable Using SR401FLJ Low PIM Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com