Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP92018 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92018
Description  LMP92018 Analog System Monitor and Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92018 Datasheet(HTML) 2 Page - Texas Instruments

  LMP92018 Datasheet HTML 1Page - Texas Instruments LMP92018 Datasheet HTML 2Page - Texas Instruments LMP92018 Datasheet HTML 3Page - Texas Instruments LMP92018 Datasheet HTML 4Page - Texas Instruments LMP92018 Datasheet HTML 5Page - Texas Instruments LMP92018 Datasheet HTML 6Page - Texas Instruments LMP92018 Datasheet HTML 7Page - Texas Instruments LMP92018 Datasheet HTML 8Page - Texas Instruments LMP92018 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LMP92018
uC
Temp
IN[7:0]
REF
Ratiometric
Sensing
Scaled
Voltage
Sensing
Current
sensing
Analog
Sensors
LMP8640
LM94023
+
-
ROUT<10k
8
Servo
OUT[3:0]
Actuator
Control
PA
Bias
Control
12
Digital
Control
Digital
Status
Indicators
4
DRDYB
4
CSB
SCLK
DIN
DOUT
VDD
5V
5V
48V
VGPIO
Voltage
Source
GPIO[11:0]
1.8V
3.3V
VIO
Voltage
Sense
Channels
Analog
Voltage
Control
Bidirectional
Digital Bus
SPI
LMP92018
SNAS514B – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LMP92018 also includes a 12-bit GPIO port which allows for the resources of the microcontroller to be
further extended, thus providing even more flexibility and reducing the number of signal interfacing to the
microcontroller.
Both the GPIO port and the SPI compatible interface have independent supply pins enabling the LMP92018 to
interface with low voltage microcontrollers.
The LMP92018 is available in a space saving 36-pin WQFN package and is specified over the full -30°C to
+85°C temperature range.
Typical Application
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LMP92018



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com