Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8CCR9 Datasheet(PDF) 2 Page - Texas Instruments

Part # COP8CCR9
Description  COP8CBR9/COP8CCR9/COP8CDR9 8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9 Datasheet(HTML) 2 Page - Texas Instruments

  COP8CCR9 Datasheet HTML 1Page - Texas Instruments COP8CCR9 Datasheet HTML 2Page - Texas Instruments COP8CCR9 Datasheet HTML 3Page - Texas Instruments COP8CCR9 Datasheet HTML 4Page - Texas Instruments COP8CCR9 Datasheet HTML 5Page - Texas Instruments COP8CCR9 Datasheet HTML 6Page - Texas Instruments COP8CCR9 Datasheet HTML 7Page - Texas Instruments COP8CCR9 Datasheet HTML 8Page - Texas Instruments COP8CCR9 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Table 1-1. Device included in this datasheet:
Flash Program
RAM
Brownout
I/O
Device
Memory
Packages
Temperature
(bytes)
Voltage
Pins
(bytes)
44 WQFN,
COP8CBR9
32k
1k
2.7V to 2.9V
37,39,49, 59
44/68 PLCC,
−40°C to +85°C
48/56 TSSOP
44 WQFN,
−40°C to +85°C
COP8CCR9
32k
1k
4.17V to 4.5V
37,39,49, 59
44/68 PLCC,
−40°C to +125°C
48/56 TSSOP
44 WQFN,
−40°C to +85°C
COP8CDR9
32k
1k
No Brownout
37,39,49, 59
44/68 PLCC,
−40°C to +125°C
48/56 TSSOP
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Introduction
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com