Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSCDM5BL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # FSCDM5BL
Description  SC Fiber Optic Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

FSCDM5BL Datasheet(HTML) 1 Page - PANDUIT CORP.

  FSCDM5BL Datasheet HTML 1Page - PANDUIT CORP. FSCDM5BL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
SPECIFICATION SHEET
key features and benefits
applications
technical information
specifications
SC field polish connectors are TIA/EIA-604 FOCIS-3
compliant. SC simplex and duplex connectors are
field terminable. The fibers shall terminate in 2.5mm
ceramic ferrules with non-optical disconnect
functionality and an average insertion loss of 0.1dB
(multimode) and 0.15dB (singlemode) per mated pair.
SC Simplex Fiber Optic Connectors
for 900µm Buffered Fiber and
1.6mm – 2.0mm Jacketed Cable
Multimode (black boots): FSCM2.05BL
Multimode (black boots): FSCM2.0BL
Multimode (red boots):
FSCM2.0RD
Singlemode (blue boots): FSCS2.0BU
SC Duplex Fiber Optic Connectors
for 3.0mm Jacketed Cable
Multimode (black boots)
FSCDM5BL
Multimode (black/red):
FSCDM
SC Fiber Optic Adapters
Duplex MM:
FADSCEI-L
Duplex MM:
FADSCBL-L
Duplex 10Gig ™ (zirc):
FADSCZAQ-L
Simplex SM (zirc):
FASSCZBU-L
Simplex APC (zirc):
FASSCZAG-L
L = Bag of 50 adapters; 100 per carton.
Mini-Com ® SC Adapter Modules
Duplex MM:
CMDEISCEI
Duplex MM:
CMDBLSCBL
Duplex 10Gig ™ (zirc.): CMSBUSCZBU
Simplex SM (zirc):
CMSBUSCZBU
Simplex APC (zirc):
CMSAGSCZBL
Opticom ® SC Fiber Adapter Panels
6 duplex MM:
FAP6WEIDSC
6 duplex MM:
FAP6WBLDSC
6 duplex 10Gig ™:
FAP6WAQDSCZ
6 duplex SM (zirc.):
FAP6WBUDSCZ
12 simplex SM (zirc.): FAP12WBUSCZ
Opticom ® QuickNet ™ Pre-Terminated
MTP* Cassettes
12 SC to MTP* (12f):
FC^-12-3S
6 SC to MTP* (12f):
FC^-12-3
Opti-Core ® Fiber Optic Patch Cords
Duplex SC to SC:
F^D3-3M‡
Simplex SC to SC:
F^S3-3M‡
Simplex SC to pigtail: F^B3-NM‡
SC Termination Tooling
Termination kit:
FJKITG
Refurbishment kit:
FJKITG-RFB
Additional Components for Singlemode
1µm diamond film:
FPF1-V
0.05µm lapping film:
FLCFPLF-X
HD Connector Removal Tool
For LC and SC:
PCRT1
Substitute for module color:
EI = Electric Ivory
BU = Blue
IG = International Gray
WH = White
TG = Technical Gray
BL = Black
AW = Arctic White
IW = Off White
EW = European White
^Substitute for fiber type:
X (OM3/OM4 – 10Gig ™ 50/125µm), 5
(OM2 – 50/125µm), 6 (OM1 – 62.5/125µm) or
9 (OS1/OS2 – 9/125µm).
‡Substitute for length in meters: 1, 2, 3, 5 or 10 for
patch cords, and 1, 2 or 3 for pigtails; singlemode
patch cords are also available in 12,15, 25 or 30
meter lengths. Contact Customer Service for other
available lengths.
Standards requirements:
TIA/EIA-604 FOCIS-3 compliant; exceeds
TIA/EIA-568-B.3 requirements
Fiber compatibility:
62.5/125µm OM1, 50/125µm OM2, 10Gig™ 50/125µm laser
optimized OM3/OM4 and 9/125µm OS1/OS2
Fiber cable type:
900µm tight-buffered cable recommended
Fiber cable size:
3.0mm or 1.6mm – 2.0mm jacketed cable
Ferrule type:
Zirconia ceramic ferrule
Insertion loss:
0.1dB average (multimode), 0.15dB (singlemode)
Return loss:
>20dB (multimode), >40dB (singlemode)
Panduit SC Fiber Optic Connectors are used for
equipment cross-connects or interconnects in
backbone, horizontal and work area applications.
SC connectors are recommended by
TIA/EIA-568-B.3 at the wall outlet and the
telecommunications closet. Multimode connectors
provide a robust and easy to terminate solution for
lower cost fiber-to-the-desk applications.
Singlemode connectors provide added bandwidth
capacity for data hungry applications.
SC Fiber Optic Connectors
*MTP is a registered trademark of US Conec Ltd.
Free floating housing
Ensures complete latching even when inserted by the boot;
valuable in high-density spacing applications
Pre-assembled inner
Fewer parts simplifies assembly and reduces installer error for
inner housing
lower installed cost
Full length adhesive
Prevents adhesive from entering internal cavity of connector to
fill tube
reduce installer error
Non-optical disconnect
Maintains data transmission under tensile loads for jacketed
cable for network reliability
Anaerobic adhesive
Simplifies and reduces installation time by 50% compared to heat
field installation
cured epoxy terminations; curing oven/time not required
High temperature
Allows use of high glass transition temperature epoxies
thermoplastic design
with cure temperatures up to 150°C (302°F)
Simplex available with
One connector part number for both fiber types for easier ordering
900µm and 3.0mm or
and stocking
1.6 – 2.0mm boots
Standard 2.5mm
Provide the highest durability for repeated matings
ceramic ferrules
SC Simplex Fiber Optic Connectors
for 900µm Buffered Fiber and
3.0mm Jacketed Cable
Multimode (black boots): FSCM5BL
Multimode (black boots): FSCMBL
Multimode (red boots):
FSCMRD
Singlemode (blue boots): FSCSBU


Similar Part No. - FSCDM5BL

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSCDMCXAQ PANDUIT-FSCDMCXAQ Datasheet
6Mb / 12P
Network Infrastructure for the Enterprise
More results

Similar Description - FSCDM5BL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HSC-PH2-E1 HIROSE-HSC-PH2-E1 Datasheet
760Kb / 6P
SC Type Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
SC & FC/PC3 Pull-Proof Fiber Optic Connectors
May-1993
logo
PANDUIT CORP.
CMSAQSCZBL PANDUIT-CMSAQSCZBL Datasheet
185Kb / 1P
SC Mini-Com짰 Fiber Optic Adapter Modules
logo
Tripp Lite. All Rights ...
N42603M TRIPPLITE-N42603M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 3M (10-ft.)
N42605M TRIPPLITE-N42605M Datasheet
483Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC-SC), 5M (16-ft.)
logo
Hirose Electric
HSC HIROSE-HSC Datasheet
759Kb / 21P
SC Type Fiber Optic Connectors
logo
PHOENIX CONTACT
2901788 PHOENIX-2901788 Datasheet
59Kb / 2P
Fiber optic coupling - FL COUPLER SC-DUPLEX
logo
Tripp Lite. All Rights ...
N426-02M TRIPPLITE-N426-02M Datasheet
162Kb / 2P
Fiber Optic Mode Conditioning Patch Cable (SC/SC), 2M (6-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com