Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

284635 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 284635
Description  Abgew. PCI Express STV 164pol
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

284635 Datasheet(HTML) 1 Page - ERNI Electronics

  284635 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8,03
14,9
89,5
daughter card layout
Layout proposal is in accordance with the PCI Express spezification
10
12,14
1,49
72,15
1,91 ±0,05
0,71
70 x 1 = 70
20°
1,57 across pads
view with dust cover
91,44 ±0,25
Detail contact area
A2
prior notice.
contact one of the ERNI companies
Date
10.06.2014
g
Index
PCIEXP
RT. Angle PCI Express 164 pins
Abgew. PCI Express STV 164pol.
284635
2:1
Information / Tolerances:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
min. 0,127 µm Au
009009
14,7
11,18
9,4
5,84
2,54
min. 0,127 µm Au
unless otherwise notes
Sofern nichts anderes angegeben /
Steckbereich
plating
contact area
2,54
16,69
2,54
min. 0,127 µm Au
009010
Dim "C"
Oberfläche
85 Ohm
009816
14,7
11,18
3,18
min. 0,8 µm Au
009716
14,7
11,18
3,18
min. 0,127 µm Au
009616
14,7
11,18
2,54
min. 0,8 µm Au
009516
14,7
11,18
2,54
min. 0,127 µm Au
009416
9,4
5,84
3,18
min. 0,8 µm Au
009316
9,4
5,84
3,18
min. 0,127 µm Au
009216
9,4
5,84
2,54
min. 0,8 µm Au
009116
9,4
5,84
2,54
min. 0,127 µm Au
100 Ohm
009071
20,3
16,69
3,18
min. 0,8 µm Au
009070
14,7
11,18
3,18
min. 0,8 µm Au
009069
9,4
5,84
3,18
min. 0,8 µm Au
009051
20,3
16,69
2,54
min. 0,8 µm Au
009049
9,4
5,84
2,54
min. 0,8 µm Au
009031
20,3
16,69
3,18
min. 0,127 µm Au
009030
14,7
11,18
3,18
min. 0,127 µm Au
009029
9,4
5,84
3,18
min. 0,127 µm Au
009012
14,7
11,18
2,54
min. 0,8 µm Au
009011
20,3
Ident.-Nr.
Part - No.
Maß "A"
Dim "A"
Maß "B"
Dim "B"
Maß "C"
.x
±0
.xx
±0,127
.xxx
±0,05
Offset von Führungssteg zu Referenzzapfen
Offset from guiding bar to reference peg
PIN 1
14,75
1,78
10
71,66
11,66
70
0,15
M 1:1
NOTES :
Material: LCP GF 30 schwarz
Material: LCP GF 30 black
Galvanik: min. 1,27 µm Unternickelung
über gesamten PIN - Bereich
Gold - Flash im Lötbereich
Plating: min. 1,27 µm Ni entire contact
Gold - Flash plating on contact tails
1.) Fertiglochdurchmesser
finished viadiameter (PTH)
Package: Tray ( 20 pcs. )
Connector printing / labeling:
according to drawing 294775
Mittellinie Leiterplatte
centerline of daughter card
15,24
XXXX_XX ERNI RC X
Datum
Date code (see notes)
89,5
A12
A82
Board hole pattern (component mounting side)
Lochbild für Leiterplatte ( Bestückungsseite)
B2
B1
A1
A2
B12
B82
1.)
70
1,35
3
10
73,15
1


Similar Part No. - 284635

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284631 ERNI-284631 Datasheet
51Kb / 1P
Abgew. PCI Express STV 98pol
More results

Similar Description - 284635

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
284623 ERNI-284623 Datasheet
47Kb / 1P
Abgew. PCI Express STV 36pol
284627 ERNI-284627 Datasheet
53Kb / 1P
Abgew. PCI Express STV 64pol
284631 ERNI-284631 Datasheet
51Kb / 1P
Abgew. PCI Express STV 98pol
484099 ERNI-484099 Datasheet
60Kb / 1P
Abgew. PCI Express STV 230pol
100101350001 ERNI-100101350001 Datasheet
86Kb / 1P
Abgew. PCI Express STV 64pol.
100101710001 ERNI-100101710001 Datasheet
62Kb / 1P
Abgew. PCI Express STV 36pol.
100101730001 ERNI-100101730001 Datasheet
80Kb / 1P
Abgew. PCI Express STV 98pol
100101980001 ERNI-100101980001 Datasheet
62Kb / 1P
Abgew. PCI Express STV 36pol
100201710001 ERNI-100201710001 Datasheet
62Kb / 1P
Abgew. PCI Express STV 36pol.
100101610001 ERNI-100101610001 Datasheet
80Kb / 1P
Abgew. PCI Express STV 98pol
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com