Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4151W Datasheet(PDF) 1 Page - General Semiconductor

Part # 1N4151W
Description  SMALL SIGNAL DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

1N4151W Datasheet(HTML) 1 Page - General Semiconductor

  1N4151W Datasheet HTML 1Page - General Semiconductor 1N4151W Datasheet HTML 2Page - General Semiconductor 1N4151W Datasheet HTML 3Page - General Semiconductor 1N4151W Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4151W
SMALL SIGNAL DIODES
FEATURES
¨ Silicon Epitaxial Planar Diode
¨ Fast switching diode.
¨ This diode is also available in other
case styles including the SOD-123 case
with the type designation 1N4151W and the Mini-MELF
case with the type designation LL4151.
MECHANICAL DATA
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Reverse Voltage
VR
50
V
Peak Reverse Voltage
VRM
75
V
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 ¡C and f
³ 50 Hz
IO
150(1)
mA
Surge Forward Current at t < 1 s and Tj = 25 ¡C
IFSM
500
mA
Power Dissipation at Tamb = 25 ¡C
Ptot
410(1)
mW
Junction Temperature
Tj
150
¡C
Storage Temperature Range
TS
Ð 65 to +150
¡C
NOTES:
(1) Valid provided that electrodes are kept at ambient temperature
1/4/99
Dimensions in inches and (millimeters)
SOD-123
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)


Similar Part No. - 1N4151W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4151W PANJIT-1N4151W Datasheet
53Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Won-Top Electronics
1N4151W WTE-1N4151W Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
1N4151W PANJIT-1N4151W Datasheet
46Kb / 2P
SURFACE MOUNT SWITCHING DIODES
logo
Guangdong Kexin Industr...
1N4151W KEXIN-1N4151W Datasheet
37Kb / 2P
SMALL SIGNAL DIODES
logo
SEMTECH ELECTRONICS LTD...
1N4151W SEMTECH_ELEC-1N4151W Datasheet
323Kb / 4P
Silicon Epitaxial Planar Small Signal Diode
More results

Similar Description - 1N4151W

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS Datasheet
127Kb / 3P
Small-Signal Diodes
14-May-02
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com