Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC15DRAS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EBC15DRAS
Description  EDGECARD, 100 CC LP
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EBC15DRAS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EBC15DRAS Datasheet HTML 1Page - List of Unclassifed Manufacturers EBC15DRAS Datasheet HTML 2Page - List of Unclassifed Manufacturers EBC15DRAS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pb
RoHS COMPLIANT
NOTES:
INSULATOR MATERIAL: SEE PART NUMBER CODING
1.
CONTACT MATERIAL: SEE PART NUMBER CODING
2.
PLATING: SEE PART NUMBER CODING
3.
TEMPERATURE: SEE PART NUMBER CODING
4.
PROCESSING TEMP: SEE PART NUMBER CODING
5.
UL FLAMMABILITY RATING: 94V-0
6.
VOLTAGE RATING: 600 VDC MINIMUM AT SEA LEVEL.
7.
CURRENT RATING: 3 AMP PER CONTACT PAIR
8.
VOLTAGE DROP: 30 MILLI VOLT AT RATED CURRENT
9.
INSULATION RESISTANCE: 5000 MEGA OHM
10.
CONNECTOR IDENTIFICATION: THE PART SHALL BE MARKED WITH A PART
11.
NUMBER AND BARCODE
BOARD THICKNESS ACCOMMMODATED: .062 .008"
12.
BOARD INSERTION FORCE: 16 OZ MAX PER CONTACT PAIR WHEN USING A .062" TEST BLADE.
13.
INTERNAL INSPECTION TO BE PER SULLIN'S WORK INSTRUCTION W17.3-01.
BOARD WITHDRAWAL FORCE: 1 OUNCE MINIMUM PER CONTACT PAIR USING .062" PCB
14.
REVISIONS
REV.
ECO. NO
DESCRIPTION
DATE
BY
A
1249
INITIAL RELEASE
01-19-07
MNH
B
1397
UPDATE/CORRECT PCB LAYOUT
6/21/2007
MNH
C
1680
ADDED 'B' MOUNTING INFORMATION
5/6/2008
MNH
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
DIMENSIONS ARE IN INCHES[MM]
TOLERANCES:
ANGULAR:
30'
.XX= .02 [.508]
.XXX= .005 [.1270]
.XXXX= .0005 [.0127]
SURFACE FINISH: 63 Ra
REMOVE ALL BURRS AND SHARP EDGES .010 MAX
INTERPRET DIMENSIONS AND GEOMETRIC
TOLERANCING
PER: ANSI Y14.5M-1994
UNLESS OTHERWISE SPECIFIED:
DATE
NAME
DRAWN
SIZE
C
DWG. NO.
REV
SHEET 1 OF 3
SCALE: 2:1
MNH
C10876
C
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
EDGECARD, .100 CC LP
_ _ C _ _ DRA _
FILE NAME: Z:\COMPONENTS\Part Assemblies\Customer Drawings\Customer Drawings for Catalog\C10876, _ _C_ _DRA_ PRINT: 5/8/2008
DESCRIPTION
01-19-07
PART NUMBER
CUSTOMER COPY
.245 6.22
C
.431 10.95
.186 4.72
.025 0.64
A
A
_ _ C _ _ DRAH
SECTION A - A
CONTACT ID
SCALE 2:1
A
B
D
E
.075 1.91
CARDSLOT
2X
.125 3.18
.100
TYP.
2.54
.156±.015 3.96±0.38
ROW SPACING
.050 1.27
.125±.025 3.18±0.64
TRIM TAILS
.265 6.73
INSERTION DEPTH
F
LETTER B SIDE
CONTACT MARKINGS
B 1 2 3 ... 60 B
A 1 2 3 ... 60 A


Similar Part No. - EBC15DRAS

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
EBC15A ADAM-TECH-EBC15A Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBC15B ADAM-TECH-EBC15B Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBC15H ADAM-TECH-EBC15H Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBC15J ADAM-TECH-EBC15J Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
EBC15K ADAM-TECH-EBC15K Datasheet
159Kb / 1P
EURO BLOCKS TS & EB SERIES
More results

Similar Description - EBC15DRAS

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73038 POMONA-73038 Datasheet
120Kb / 1P
MMCX PLUG STRAIGHT EDGECARD
73039 POMONA-73039 Datasheet
122Kb / 1P
MMCX JACK STRAIGHT EDGECARD
logo
Winchester Electronics ...
23561 WINCHESTER-23561 Datasheet
361Kb / 1P
EDGECARD, CONTINUOUS CARD COLLECTOR
23836 WINCHESTER-23836 Datasheet
178Kb / 1P
EDGECARD CONTINUOUS CARD COLLECTOR
24512 WINCHESTER-24512 Datasheet
328Kb / 3P
EDGECARD, CONTINUOUS CARD COLLECTOR
29280 WINCHESTER-29280 Datasheet
123Kb / 1P
EDGECARD CONNECTOR, NJ SERIES
logo
List of Unclassifed Man...
EBC10DRAS ETC2-EBC10DRAS Datasheet
178Kb / 3P
EDGECARD, .100 CC LP
logo
Cooper Bussmann, Inc.
LP-CC-1 COOPER-LP-CC-1 Datasheet
222Kb / 3P
LP-CC . 600Vac/300Vdc, 1.2-30A Time-Delay Fuses
LP-CC-1 COOPER-LP-CC-1_16 Datasheet
639Kb / 4P
Low-Peak??LP-CC Class CC 600Vac/300Vdc, 1??-30A time-delay fuses
logo
Eaton All Rights Reserv...
LP-CC EATON-LP-CC Datasheet
775Kb / 4P
Low-Peak??LP-CC Class CC 600 Vac/300 Vdc, 1/2-30 A time-delay fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com