Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCS032RTP Datasheet(PDF) 1 Page - Visual Communications Company

Part # LCS032RTP
Description  5MM THREADED MOISTURE SEALED LITEPIPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

LCS032RTP Datasheet(HTML) 1 Page - Visual Communications Company

  LCS032RTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.XXX
.307
(7.798mm)
.370
(9.400mm)
LOCK
WASHER
RETAINING
NUT
.344
(8.740mm)
(3.81mm)
.150
(10.970mm)
.432
(10.930mm)
0.08)
(.410mm)
.016
±.003
.430
(.860mm
.034
.200
(5.080mm)
LITEPIPE
ASSEMBLY
XXX =
LENGTH
052
032
.320"
.520"
XXX
REQUEST
AVAILABLE UPON
CUSTOM LENGTHS
XXX
LCS
ORDERING CODE:
072
.720"
092
.920"
112
1.12"
132
1.32"
LENS
XXX =
COLOR
RTP
RED TRANSPARENT
ATP
AMBER TRANSPARENT
GTP
GREEN TRANSPARENT
BTP
BLUE TRANSPARENT
YTP
YELLOW TRANSPARENT
CTP
CLEAR TRANSPARENT
REVISIONS
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
VISUAL COMMUNICATIONS COMPANY, INC IS
CHECKED
SEE NOTES
SEE NOTES
8/19/10
DPZ
PROHIBITED.
DRAWN
DWG. NO.
REVISED PER ECR 111009AZ01
001
Phone (760) 560-1300 Fax (760) 560-1301 Email: vccsales@vcclite.com
TITLE:
B
KH
WITHOUT THE WRITTEN PERMISSION OF
REV
SCALE: 5:1
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
PROPRIETARY AND CONFIDENTIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
INITIALS
190 Bosstick Boulevard, Suite 101 San Marcos, CA 92069 USA
VISUAL COMMUNICATIONS COMPANY, INC.
LITEPIPE
MOISTURE SEALED
3.
5MM THREADED
Lens - Polycarbonate UL 94-V2
REPRODUCTION IN PART OR AS A WHOLE
0.051) panel hole on .500 (12.7mm) centers.
VISUAL COMMUNICATIONS COMPANY, INC. ANY
Seal - EPDM
DRAWING IS THE SOLE PROPERTY OF
THE INFORMATION CONTAINED IN THIS
K.Howard
8/18/10
LCS XXX XXX
001
Panel thickness .031 (.8mm) to .125 (3.18mm). Panel hole shall be deburred, but not chamfered.
ASSEMBLY: Insert Litepipe through the panel hole, slide lock washer onto lens barrel on litepipe
2.
7.92mm
and twist on retaining ring. Slide PCB into position aligning LED with the end of the Litepipe unit.
MATERIAL: Litepipe - Acrylic ( Clear optical grade) UL 94-HB
5.
U.S. & Foreign Pat. Issued & Pend.
APPROVAL
4.
Meets NEMA 6P/IP 67 standards
EDGES .030 MAX
BREAK ALL CORNERS AND SHARP
Retaining Nut - Thermoplastic (white) UL 94-V0
Lock washer - FH Steel, Nickel Plate
1.
NOTES:
MOUNTING: Mounts in a
.312 .002 (
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
8/18/10


Similar Part No. - LCS032RTP

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
LCS03 APEX-ELECTRONICS-LCS03 Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
LCS03KDET0C APEX-ELECTRONICS-LCS03KDET0C Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
LCS03KDET0E APEX-ELECTRONICS-LCS03KDET0E Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
LCS03KDET1C APEX-ELECTRONICS-LCS03KDET1C Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
LCS03KDET1E APEX-ELECTRONICS-LCS03KDET1E Datasheet
724Kb / 2P
Rectangle pushbutton switch, optional lamp, UL, VDE certified
More results

Similar Description - LCS032RTP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSS-MOISTURE ETC2-LSS-MOISTURE Datasheet
56Kb / 1P
LSS- Moisture-sealed
LSSXXXXXX ETC2-LSSXXXXXX Datasheet
92Kb / 1P
ASSY, 3MM MOISTURE SEALED LITEPIPE
logo
Spectrum Microwave, Inc...
51-311-309 SPECTRUM-51-311-309 Datasheet
313Kb / 16P
Hermetically Sealed Threaded Case Filters
logo
Visual Communications C...
FLX3 VCC-FLX3 Datasheet
28Kb / 1P
LITEPIPE 3MM FLEXFIRE FLEXIBLE
LCS VCC-LCS Datasheet
89Kb / 1P
5MM THREADED MOISTURE SEALED LITEPIPE
LCV VCC-LCV Datasheet
75Kb / 1P
5MM ROUND LITEPIPE
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
Hermetically Sealed Threaded Case Filters
logo
Keystone Electronics Co...
25508 KEYSTONE-25508 Datasheet
213Kb / 1P
5mm THREADED HEX STANDOFF
7.18.06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com