Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-4624E Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTC-4624E
Description  Property of Lite-On Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-4624E Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTC-4624E Datasheet HTML 1Page - Lite-On Technology Corporation LTC-4624E Datasheet HTML 2Page - Lite-On Technology Corporation LTC-4624E Datasheet HTML 3Page - Lite-On Technology Corporation LTC-4624E Datasheet HTML 4Page - Lite-On Technology Corporation LTC-4624E Datasheet HTML 5Page - Lite-On Technology Corporation LTC-4624E Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-4624E
PAGE:
1 of 5
BNS-OD-C131/A4
FEATURES
*0.4 inch (10.0 mm) DIGIT HEIGHT
*CONTINUOUS UNIFORM SEGMENTS
*LOW POWER REQUIREMENT
*EXCELLENT CHARACTERS APPEARANCE
*HIGH BRIGHTNESS & HIGH CONTRAST
*WIDE VIEWING ANGLE
*SOLID STATE RELIABILITY
*CATEGORIZED FOR LUMINOUS INTENSITY
*LEAD-FREE PACKAGE (ACCORDING TO ROHS)
DESCRIPTION
The LTC-4624E is a 0.4 inch (10.0 mm) digit height triple digit
seven-segment display. This device uses RED ORANGE LED
chips (GaAsP epi on GaP substrate). The display has gray face
and white segments.
DEVICE
PART NO.
DESCRIPTION
RED ORANGE
Multiplex Common Anode
Rt. Hand Decimal
LTC-4624E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com