Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KBP005M Datasheet(PDF) 2 Page - General Semiconductor

Part # 2KBP005M
Description  GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2KBP005M Datasheet(HTML) 2 Page - General Semiconductor

  2KBP005M Datasheet HTML 1Page - General Semiconductor 2KBP005M Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20
40
60
80
100
120
140
160 170
0
0.5
1.0
1.5
2.0
0.1
1
10
100
1
10
100
1
10
100
0
10
20
30
40
50
60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
20
020
40
60
80
100
0.01
0.1
1
10
100
RATINGS AND CHARACTERISTICS CURVES 3N253 THRU 3N259 / 2KBP005M THRU 2KBP10M
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
AMBIENT TEMPERATURE, °C
60 HZ
RESISTIVE OR
INDUCTIVE LOAD
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
PER LEG
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
TJ=25°C
P.C.B.
MOUNTED WITH
0.47 x 0.47”
(12 x 12mm)
COPPER PADS
TJ=100°C
FIG. 4 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
NUMBER OF CYCLES AT 60 HZ
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
TJ=125°C
TJ=150°C
SINGLE SINE-WAVE
(JEDEC Method)
CAPACITIVE LOAD
Ipk/IAV=5.0
Ipk/IAV=10
Ipk/IAV=20
(PER LEG)
1.0 CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com