Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002 Datasheet(PDF) 2 Page - General Semiconductor

Part # 2N7002
Description  DMOS Transistors (N-Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

2N7002 Datasheet(HTML) 2 Page - General Semiconductor

  2N7002 Datasheet HTML 1Page - General Semiconductor 2N7002 Datasheet HTML 2Page - General Semiconductor 2N7002 Datasheet HTML 3Page - General Semiconductor 2N7002 Datasheet HTML 4Page - General Semiconductor 2N7002 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
2N7002
Symbol
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
at ID = 100 µA, VGS = 0
V(BR)DSS
60
90
–
V
Gate Threshold Voltage
at VGS = VDS, ID = 1 mA
VGS(th)
–22.5
V
Gate-Body Leakage Current
at VGS = 15 V, VDS = 0
IGSS
––10
nA
Drain Cutoff Current at VDS = 25 V, VGS = 0
IDSS
––0.5
µA
Drain-Source ON Resistance
at VGS = 10 V, ID = 500 mA
rDS(ON)
–57.5
Ω
Thermal Resistance Junction to Substrate
Backside
RthSB
–
–
3201)
K/W
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4501)
K/W
Forward Transconductance
at VDS = 10 V, ID = 200 mA, f = 1 MHz
gm
–
200
–
mS
Input Capacitance
at VDS = 10 V, VGS = 0, f = 1 MHz
Ciss
–60
–
pF
Switching Times
at VGS = 10 V, VDS = 10 V, RD = 100 Ω
Turn-On Time
Turn-Off Time
ton
toff
–
–
5
25
–
–
ns
ns
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com