Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8317 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8317
Description  16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8317 Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS8317 Datasheet HTML 19Page - Texas Instruments ADS8317 Datasheet HTML 20Page - Texas Instruments ADS8317 Datasheet HTML 21Page - Texas Instruments ADS8317 Datasheet HTML 22Page - Texas Instruments ADS8317 Datasheet HTML 23Page - Texas Instruments ADS8317 Datasheet HTML 24Page - Texas Instruments ADS8317 Datasheet HTML 25Page - Texas Instruments ADS8317 Datasheet HTML 26Page - Texas Instruments ADS8317 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
ADS8317
www.ti.com .................................................................................................................................................... SBAS356D – JUNE 2007 – REVISED OCTOBER 2009
LAYOUT
The reference should be similarly bypassed with a
47
μF capacitor. Again, a series resistor and large
For optimum performance, care should be taken with
capacitor can be used to low-pass filter the reference
the physical layout of the ADS8317 circuitry. This
voltage. If the reference voltage originates from an op
caution is particularly true if the reference voltage is
amp, make sure that the op amp can drive the
low and/or the conversion rate is high. At a 250kHz
bypass
capacitor
without
oscillation
(the
series
conversion rate, the ADS8317 makes a bit decision
resistor can help in this case). Keep in mind that
every 167ns. That is, for each subsequent bit
while the ADS8317 draws very little current from the
decision, the digital output must be updated with the
reference on average, there are still instantaneous
results of the last bit decision, the capacitor array
current demands placed on the external input and
appropriately switched and charged, and the input to
reference circuitry.
the comparator settled to a 16-bit level, all within one
clock cycle.
Texas
Instruments'
OPA365
op
amp
provides
optimum performance for buffering the signal inputs;
The basic SAR architecture is sensitive to spikes on
the OPA350 can be used to effectively buffer the
the power supply, reference, and ground connections
reference input.
that occur just prior to latching the comparator output.
Thus, during any single conversion for an n-bit SAR
Also, keep in mind that the ADS8317 offers no
converter, there are n windows in which large
inherent rejection of noise or voltage variation in
external transient voltages can easily affect the
regards to the reference input. This characteristic is
conversion result. Such spikes might originate from
of particular concern when the reference input is tied
switching
power
supplies,
digital
logic,
and
to the power supply. Any noise and ripple from the
high-power devices, to name a few potential sources.
supply appears directly in the digital results. While
This particular source of error can be very difficult to
high-frequency noise can be filtered out, as described
track down if the glitch is almost synchronous to the
in the previous paragraph, voltage variation resulting
converter
DCLOCK
signal
because
the
phase
from the line frequency (50Hz or 60Hz) can be
difference between the glitch and DCLOCK changes
difficult to remove.
with
time
and
temperature,
causing
sporadic
The GND pin on the ADS8317 should be placed on a
misoperation.
clean ground point. In many cases, this point is the
With these considerations in mind, power to the
analog ground. Avoid connecting the GND pin too
ADS8317 should be clean and well-bypassed. A
close to the grounding point for a microprocessor,
0.1
μF ceramic bypass capacitor should be placed as
microcontroller, or digital signal processor. If needed,
close as possible to the ADS8317 package. In
run a ground trace directly from the converter to the
addition, a 1
μF to 10μF capacitor and a 5Ω or 10Ω
power-supply connection point. The ideal layout
series resistor may be used to low-pass filter a noisy
includes an analog ground plane for the converter
supply.
and associated analog circuitry.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com