Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C800DM Datasheet(PDF) 2 Page - General Semiconductor

Part # B40C800DM
Description  MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B40C800DM Datasheet(HTML) 2 Page - General Semiconductor

  B40C800DM Datasheet HTML 1Page - General Semiconductor B40C800DM Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
100
1
10
100
0
10
100
0
10
20
30
40
50
0.4
0.8
1.2
10
1
0.1
0.01
0.6
1.0
1.4
020
40
60
80
100
0.01
0.1
1
10
20
40
60
0.2
0.4
0.6
0.8
1.0
80
100
120
140
0
0
60
80
100
140
0
0.2
0.6
0.8
1.0
0.4
020
40
120
RATINGS AND CHARACTERISTICS CURVES B40C800DM THRU B380C800DM
FIG.1 - DERATING CURVE OUTPUT RECTIFIED
CURRENT FOR B40C800DM...B125C800DM
AMBIENT TEMPERATURE, °C
TJ=125°C
10ms SINGLE SINE-WAVE
FIG. 5 - TYPICAL REVERSE LEAKAGE
CHARACTERISTICS PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
PER LEG
FIG. 3 - MAXIMUM NON-REPETITIVE PEAK FORWARD
CURRENT PER LEG
REVERSE VOLTAGE,VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
TJ=25°C
NUMBER OF CYCLES AT 50 HZ
0-10
µF
10-100
µF
>100
µF
0-10
µF
10-100
µF
>100
µF
AMBIENT TEMPERATURE, °C
TJ=100°C
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
PER LEG
COPPER PADS
0.51 x 0.51” (13 x 13mm)
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED
CURRENT FOR B250C800DM...B380C800DM
P.C.B. MOUNTED ON
0.51 x 0.51” (13 x 13mm) COPPER PADS
WITH 0.06” (1.5mm) LEAD LENGTH
50 to 60 HZ
RESISTIVE OR
INDUCTIVE LOAD
50 to 60 HZ
RESISTIVE OR
INDUCTIVE LOAD
CAPACITIVE LOAD
CAPACITIVE LOAD
MOUNTED ON P.C.B.
WITH 0.06” (1.5mm) LEAD LENGTH
1.0 CYCLE
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com