Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C800G Datasheet(PDF) 2 Page - General Semiconductor

Part # B40C800G
Description  GLASS PASSIVATED SINGLE - PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

B40C800G Datasheet(HTML) 2 Page - General Semiconductor

  B40C800G Datasheet HTML 1Page - General Semiconductor B40C800G Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
10
100
1.0
10
100
1.0
10
100
0
10
20
30
40
50
0.4
0.8
1.2
10
20
1
0.1
0.01
0.6
1.0
0.6
20
40
80
100
0.01
0.1
1
10
0
60
20
40
60
0.2
0.4
0.6
0.8
1.0
80
100
120
140
0
0
60
80
100
140
0
0.2
0.6
0.8
1.0
0.4
020
40
120
RATINGS AND CHARACTERISTICS CURVES B40C800G THRU B380C800G
FIG.1 - DERATING CURVES OUTPUT RECTIFIED
CURRENT FOR B40C800G...B125C800G
AMBIENT TEMPERATURE, °C
50 to 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375” (9.5mm)
LEAD LENGTHS
50 to 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
0.375” (9.5mm)
LEAD LENGTHS
FIG. 2 - DERATING CURVES FOR OUTPUT
RECTIFIED CURRENT B250C800G...B380C800G
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
TJ = 25°C
10mS SINGLE SINE-WAVE
1 CYCLE
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
FIG. 4 - TYPICAL FORWARD CHARACTERISTICS
PER LEG
FIG. 3 - MAXIMUM NON-REPETITIVE PEAK FORWARD
CURRENT PER LEG
REVERSE VOLTAGE, VOLTS
TJ=25
°C
f=1.0 MHz
Vsig=50mVp-p
TJ=25°C
NUMBER OF CYCLES AT 50Hz
CAPACITIVE LOAD
CAPACITIVE LOAD
P.C.B.
P.C.B.
AMBIENT TEMPERATURE, °C
TJ=100°C
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
PER LEG
COPPER PADS
0.22 x 0.22” (5.5 x 5.5mm)
COPPER PADS
0.22 x 0.22” (5.5 x 5.5mm)
0 - 10
µF
10 - 100
µF
> - 100
µF
0 - 10
µF
10 - 100
µF
> - 100
µF
0.375”
(9.5mm)
0.375”
(9.5mm)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com