Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA782 Datasheet(PDF) 2 Page - General Semiconductor

Part # BA782
Description  Bandswitching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BA782 Datasheet(HTML) 2 Page - General Semiconductor

  BA782 Datasheet HTML 1Page - General Semiconductor BA782 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
257
BA782, BA783
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage at IF = 100 mA
VF
––
1
V
Leakage Current at VR = 20 V
IR
––
50
nA
Dynamic Forward Resistance
at f = 50 to 1000 MHz, IF = 3 mA
BA782
BA783
at f = 50 to 1000 MHz, IF = 10 mA
BA782
BA783
rf
rf
rf
rf
–
–
–
–
–
–
–
–
0.7
1.2
0.5
0.9
Ω
Ω
Ω
Ω
Capacitance
at VR = 1 V, f = 1 MHz
at VR = 3 V, f = 1 MHz
BA782
BA783
Ctot
Ctot
Ctot
–
–
–
–
–
–
1.5
1.25
1.2
pF
pF
pF
Series Inductance across Case
LS
–2.5
–
nH
RATINGS AND CHARACTERISTIC CURVES BA782, BA783



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com