Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 3 Page - General Semiconductor

Part # BAS19
Description  Small Signal Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAS19 Datasheet(HTML) 3 Page - General Semiconductor

  BAS19 Datasheet HTML 1Page - General Semiconductor BAS19 Datasheet HTML 2Page - General Semiconductor BAS19 Datasheet HTML 3Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Test Circuit and Waveforms BAS19, BAS20, BAS21
Test circuit
Waveforms; IR = 3 mA
Input Signal
– total pulse duration
tp(tot) = 2 µs
– duty factor
δ = 0.0025
– rise time of reverse pulse
tr = 0.6 ns
– reverse pulse duration
tp = 100 ns
Oscilloscope
– rise time
tr = 0.35 ns
– circuit capacitance*
C < 1 pF
*C = oscilloscope input capacitance + parasitic capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com